Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22920YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22920YZPR
Description  On-Resistance, Integrated Load Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920YZPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22920YZPR Datasheet HTML 1Page - Texas Instruments TPS22920YZPR Datasheet HTML 2Page - Texas Instruments TPS22920YZPR Datasheet HTML 3Page - Texas Instruments TPS22920YZPR Datasheet HTML 4Page - Texas Instruments TPS22920YZPR Datasheet HTML 5Page - Texas Instruments TPS22920YZPR Datasheet HTML 6Page - Texas Instruments TPS22920YZPR Datasheet HTML 7Page - Texas Instruments TPS22920YZPR Datasheet HTML 8Page - Texas Instruments TPS22920YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SMPS
OFF
ON
TPS22920
V
OUT
R
L
C
L
GND
ON
GND
C
IN
V
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22920, TPS22920L
SLVSAY8D – JUNE 2011 – REVISED JANUARY 2016
TPS22920x 3.6-V, 4-A, 5.3-m
Ω On-Resistance, Integrated Load Switch with Controlled
Turn-on
1
1 Features
1
Input Voltage Range: 0.75 V to 3.6 V
Integrated Load Switch
Integrated Pass-FET rDSON = 2 mΩ (Typ) at 3.6 V
Typical ON-Resistance
rON = 5.3 mΩ at VIN = 3.6 V
rON = 5.4 mΩ at VIN = 2.5 V
rON = 5.5 mΩ at VIN = 1.8 V
rON = 5.8 mΩ at VIN = 1.2 V
rON = 6.1 mΩ at VIN = 1.05 V
rON = 7.3 mΩ at VIN = 0.75 V
CSP-8 Package 0.9 mm × 1.9 mm, 0.5 mm Pitch
4-A Maximum Continuous Switch Current
Shutdown Current 5.5-µA Max
ON-Logic Available in Both Active High/Low:
TPS22920 is Active High
TPS22920L is Active Low
Low Threshold Control Input
Controlled Slew-Rate to Avoid Inrush Current
Quick Output Discharge Resistor
ESD Performance Tested Per JESD 22
4000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
2 Applications
Notebook / Netbook Computer
Tablet PC
PDAs / Smartphones
GPS Navigation Devices
MP3 Players
3 Description
The TPS22920x is a small, space-saving load switch
with controlled turn on to reduce inrush current. The
device contains a N-channel MOSFET that can
operate over an input voltage range of 0.75 V to 3.6
V and switch currents up to 4 A. An integrated charge
pump biases the NMOS switch in order to achieve a
minimum switch ON resistance (rON). The switch is
controlled by an on/off input (ON), which is capable of
interfacing directly with low-voltage control signals.
The TPS22920x has a 1250-
Ω on-chip resistor for
quick output discharge when the switch is turned off
which insures that the output is not left floating.
The TPS22920x has an internally controlled rise time
in order to reduce inrush current.
The TPS22920x is available in an ultra-small, space-
saving 8-pin CSP package and is characterized for
operation over the free-air temperature range of
–40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22920x
DSBGA (8)
1.90 mm x 0.90 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application


Similar Part No. - TPS22920YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920YZPR TI1-TPS22920YZPR Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results

Similar Description - TPS22920YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22918 TI1-TPS22918 Datasheet
793Kb / 27P
[Old version datasheet]   52Ohm On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com