Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060ADGQ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060ADGQ
Description  Step-Down DC?밆C Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060ADGQ Datasheet(HTML) 3 Page - Texas Instruments

  TPS54060ADGQ Datasheet HTML 1Page - Texas Instruments TPS54060ADGQ Datasheet HTML 2Page - Texas Instruments TPS54060ADGQ Datasheet HTML 3Page - Texas Instruments TPS54060ADGQ Datasheet HTML 4Page - Texas Instruments TPS54060ADGQ Datasheet HTML 5Page - Texas Instruments TPS54060ADGQ Datasheet HTML 6Page - Texas Instruments TPS54060ADGQ Datasheet HTML 7Page - Texas Instruments TPS54060ADGQ Datasheet HTML 8Page - Texas Instruments TPS54060ADGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
1
2
3
4
5
6
7
9
8
10
Thermal
Pad
(11)
BOOT
VIN
EN
PH
GND
COMP
VSENSE
PWRGD
SS/TR
RT/CLK
1
2
3
4
5
6
7
9
8
10
Thermal
Pad
(11)
BOOT
VIN
EN
PH
GND
COMP
VSENSE
PWRGD
SS/TR
RT/CLK
TPS54060A
www.ti.com
SLVSB57C – MARCH 2012 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DGQ and DRC Package
10-Pin VSON and MSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
BOOT
1
O
minimum required by the device, the output is forced to switch off until the capacitor is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency compensation
COMP
8
O
components to this pin.
Enable pin, internal pull-up current source. Pull below 1.2V to disable. Float to enable. Adjust the input
EN
3
I
undervoltage lockout with two resistors.
GND
9
Ground
PH
10
I
The source of the internal high-side power MOSFET.
THERMAL
GND pin must be electrically connected to the exposed pad on the printed circuit board for proper
11
PAD
operation.
An open drain output, asserts low if output voltage is low due to thermal shutdown, dropout, over-voltage or
PWRGD
6
O
EN shut down.
Resistor Timing and External Clock. An internal amplifier holds this pin at a fixed voltage when using an
external resistor to ground to set the switching frequency. If the pin is pulled above the PLL upper
RT/CLK
5
I
threshold, a mode change occurs and the pin becomes a synchronization input. The internal amplifier is
disabled and the pin is a high impedance clock input to the internal PLL. If clocking edges stop, the internal
amplifier is re-enabled and the mode returns to a resistor set function.
Slow-start and Tracking. An external capacitor connected to this pin sets the output rise time. Since the
SS/TR
4
I
voltage on this pin overrides the internal reference, it can be used for tracking and sequencing.
VIN
2
I
Input supply voltage, 3.5 V to 60 V.
VSENSE
7
I
Inverting node of the transconductance ( gm) error amplifier.
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54060A


Similar Part No. - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060ADGQ TI1-TPS54060ADGQ Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060ADGQR TI1-TPS54060ADGQR Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Similar Description - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com