Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54060ADGQ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060ADGQ
Description  Step-Down DC?밆C Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060ADGQ Datasheet(HTML) 5 Page - Texas Instruments

  TPS54060ADGQ Datasheet HTML 1Page - Texas Instruments TPS54060ADGQ Datasheet HTML 2Page - Texas Instruments TPS54060ADGQ Datasheet HTML 3Page - Texas Instruments TPS54060ADGQ Datasheet HTML 4Page - Texas Instruments TPS54060ADGQ Datasheet HTML 5Page - Texas Instruments TPS54060ADGQ Datasheet HTML 6Page - Texas Instruments TPS54060ADGQ Datasheet HTML 7Page - Texas Instruments TPS54060ADGQ Datasheet HTML 8Page - Texas Instruments TPS54060ADGQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
TPS54060A
www.ti.com
SLVSB57C – MARCH 2012 – REVISED JANUARY 2016
6.4 Thermal Information
TPS54060A
THERMAL METRIC(1)
DGQ (HVSSOP)
DRC (VSON)
UNIT
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
62.5
40
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.7
0.6
°C/W
RθJB
Junction-to-board thermal resistance
20.1
7.5
°C/W
ψJT
Junction-to-top characterization parameter
83
65
°C/W
ψJB
Junction-to-board characterization parameter
21
7.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
28
8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN = 3.5 to 60V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
60
V
Internal undervoltage lockout
No voltage hysteresis, rising and falling
2.5
V
threshold
Shutdown supply current
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 60 V
1.3
4
μA
Operating : nonswitching supply
VSENSE = 0.83 V, VIN = 12 V, 25°C
116
136
current
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling, 25°C
1.11
1.25
1.36
V
Enable threshold +50 mV
–3.8
Input current
μA
Enable threshold –50 mV
–0.9
Hysteresis current
1.91
2.95
3.99
μA
VOLTAGE REFERENCE
TJ = 25°C
0.792
0.8
0.808
Voltage reference
V
0.784
0.8
0.816
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM) –2 μA < ICOMP < 2 μA, VCOMP = 1 V
97
μMhos
–2
μA < ICOMP < 2 μA, VCOMP = 1 V,
Error amplifier transconductance (gM)
26
μMhos
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±7
μA
COMP to switch current
1.9
A/V
transconductance
CURRENT LIMIT
Current limit threshold
VIN = 12 V, TJ = 25°C
0.6
0.94
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching Frequency Range using
100
2500
kHz
RT mode
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54060A


Similar Part No. - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060ADGQ TI1-TPS54060ADGQ Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54060ADGQR TI1-TPS54060ADGQR Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Similar Description - TPS54060ADGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com