Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54428DRCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54428DRCR
Description  4-A Synchronous Step-Down Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54428DRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54428DRCR Datasheet HTML 3Page - Texas Instruments TPS54428DRCR Datasheet HTML 4Page - Texas Instruments TPS54428DRCR Datasheet HTML 5Page - Texas Instruments TPS54428DRCR Datasheet HTML 6Page - Texas Instruments TPS54428DRCR Datasheet HTML 7Page - Texas Instruments TPS54428DRCR Datasheet HTML 8Page - Texas Instruments TPS54428DRCR Datasheet HTML 9Page - Texas Instruments TPS54428DRCR Datasheet HTML 10Page - Texas Instruments TPS54428DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.75
0.755
0.76
0.765
0.77
0.775
0.78
-50
0
50
100
150
T - Junction Temperature - °C
J
0
100
200
300
400
500
600
700
800
0
1
2
3
4
I - Output Current - A
O
V
= 1.8 V
O
V
= 1.05 V
O
V
= 3.3 V
O
400
450
500
550
600
650
700
750
800
850
900
0
5
10
15
20
V - Input Voltage - V
I
V
= 5 V
O
V
= 2.5 V
O
V
= 1.8 V
O
V
= 1.5 V
O
V
= 1.2 V
O
V
= 1.05 V
O
V
= 3.3 V
O
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
I - Output Current - A
O
V
= 3.3 V
O
V
= 2.5 V
O
V
= 1.8 V
O
40
50
60
70
80
90
100
V
= 1.8 V
O
V
= 2.5 V
O
V
= 3.3 V
O
1
2
3
4
5
I - Output Current - A
O
0
1.04
1.05
1.06
1.07
1.08
0
5
10
15
20
V - Input Voltage - V
I
I
= 10 mA
O
I
= 1 A
O
7
TPS54428
www.ti.com
SLVSB42D – NOVEMBER 2011 – REVISED JANUARY 2016
Product Folder Links: TPS54428
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted)
Figure 5. 1.05-V Output Voltage vs VIN Voltage
Figure 6. Efficiency vs Output Current
Figure 7. Light Load Efficiency vs Output Current
Figure 8. Switching Frequency vs Input Voltage
Figure 9. Switching Frequency vs Output Current
Figure 10. VFB Voltage vs Junction Temperature


Similar Part No. - TPS54428DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54428DDA TI1-TPS54428DDA Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54428DDAR TI1-TPS54428DDAR Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54428DRCR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com