Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61194-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61194-Q1
Description  High-Performance 4-Channel LED Driver for Automotive Lighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61194-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61194-Q1 Datasheet HTML 1Page - Texas Instruments TPS61194-Q1 Datasheet HTML 2Page - Texas Instruments TPS61194-Q1 Datasheet HTML 3Page - Texas Instruments TPS61194-Q1 Datasheet HTML 4Page - Texas Instruments TPS61194-Q1 Datasheet HTML 5Page - Texas Instruments TPS61194-Q1 Datasheet HTML 6Page - Texas Instruments TPS61194-Q1 Datasheet HTML 7Page - Texas Instruments TPS61194-Q1 Datasheet HTML 8Page - Texas Instruments TPS61194-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EP*
*EXPOSED PAD
OUT2
GND
OUT3
OUT4
NC
LDO
VDDIO/EN
FSET
VIN
VIN
NC
FB
PGND
SW
OUT1
GND
PWM
FAULT
ISET
SYNC
TPS61194-Q1
SNVSAE9A – DECEMBER 2015 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
PWP Package
20-Pin TSSOP With Exposed Thermal Pad
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
VIN
A
Input power pin
2
LDO
A
Output of internal LDO; connect a 1-
μF decoupling capacitor between this pin and noise-free
GND.
3
FSET
A
DC-DC (boost or SEPIC) switching frequency setting resistor.
4
VDDIO/EN
I
Enable input for the device as well as supply input (VDDIO) for digital pins
5
FAULT
OD
Fault signal output. If unused, the pin may be left floating.
Input for synchronizing boost.
6
SYNC
I
If synchronization is not used, connect this pin to GND to disable spread spectrum or to
VDDIO/EN to enable spread spectrum.
7
PWM
I
PWM dimming input.
8
NC
No connect
9
GND
G
Ground.
10
ISET
A
LED current setting resistor.
11
GND
G
Ground
Current sink output
12
OUT4
A
This pin must be connected to GND if not used.
Current sink output
13
OUT3
A
This pin must be connected to GND if not used.
Current sink output
14
OUT2
A
This pin must be connected to GND if not used.
Current sink output
15
OUT1
A
This pin must be connected to GND if not used.
16
FB
A
DC-DC (boost or SEPIC) feedback input
17
PGND
G
DC-DC (boost or SEPIC) power ground
18
SW
A
DC-DC (boost or SEPIC) switch pin
19
NC
A
No connect
20
VIN
A
Input power pin
(1)
A: Analog pin, G: Ground pin, P: Power pin, I: Input pin, I/O: Input/Output pin, O: Output pin, OD: Open Drain pin
4
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated


Similar Part No. - TPS61194-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61194-Q1 TI1-TPS61194-Q1 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
More results

Similar Description - TPS61194-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
[Old version datasheet]   High-Performance 4-Channel LED Driver
logo
ON Semiconductor
NCV78703 ONSEMI-NCV78703 Datasheet
427Kb / 35P
   Multiphase Booster LED Driver for Automotive Front Lighting
January, 2016 ??Rev. 0
NCV78702 ONSEMI-NCV78702 Datasheet
1,005Kb / 34P
   Multiphase Booster LED Driver for Automotive Front Lighting
February, 2020 ??Rev. 2
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
   LED Driver IC for LED Lighting
logo
Cypress Semiconductor
MB39C602 CYPRESS-MB39C602 Datasheet
1Mb / 40P
   High Power Factor LED Driver IC for LED Lighting
logo
List of Unclassifed Man...
OB3362F ETC1-OB3362F Datasheet
371Kb / 13P
   4 Channels High Performance LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com