Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP-4360 Datasheet(PDF) 2 Page - Level One

Part # SFP-4360
Description  12 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

SFP-4360 Datasheet(HTML) 2 Page - Level One

  SFP-4360 Datasheet HTML 1Page - Level One SFP-4360 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-1420
- 12x802.3at+2GESFPComboUnmanagedSwitch-40to75C
Optional Accessories
SFP-4200 - 1.25G MMF SFP Transceiver (550m, 850nm, -20 to 85C)
SFP-4210 - 1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4240 - 1.25G SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4270 - 1.25G SMF SFP Transceiver (70km, 1550nm, -40 to 85C)
SFP-4310 - 1.25G BIDI SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
SFP-4320 - 1.25G BIDI SMF SFP Transceiver (10km, 1550nm, -40 to 85C)
SFP-4330 - 1.25G BIDI SMF SFP Transceiver (20km, 1310nm, -40 to 85C)
SFP-4340 - 1.25G BIDI SMF SFP Transceiver (20km, 1550nm, -40 to 85C)
SFP-4350 - 1.25G BIDI SMF SFP Transceiver (40km, 1310nm, -40 to 85C)
SFP-4360 - 1.25G BIDI SMF SFP Transceiver (40km, 1550nm, -40 to 85C)
SFP-4370 - 1.25G BIDI SMF SFP Transceiver (60km, 1310nm, -40 to 85C)
SFP-4380 - 1.25G BIDI SMF SFP Transceiver (60km, 1550nm, -40 to 85C)
Package Contents
IES-1420
Quick Installation Guide
www.level1.com
one world_one brand_one level_
Technology
Standards
IEEE802.3 10Base-T, IEEE802.3u 100Base-TX/FX/SFP,
IEEE802.3x, IEEE802.3ab 1000BASE-T, IEEE802.3af,
IEEE 802.3at, IEEE802.2z 1000BASE-SX/LX
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
1,488,100pps for 1000Mbps
Packet Buffer
Memory
2.25M bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Address Table
Size
4096 MAC addresses
Environment
Operating
Temperature
-40°C to 75°C (-40°F to 167°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL508 (Pending)
EMI
FCC Part 15, Class A
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 6KV; Criteria B
Air: + / - 8KV; Criteria B
- EN61000-4-3 (Radiated FRI Standards)
10V/m, 80 to 2.7G; 80% AM Criteria A
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4KV; Criteria B
D.C. Power Ports: + / - 4KV; Criteria B
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 1KV; Line-to-Line; Criteria B
D.C. Power Ports: + / - 0.5KV; Line-to-Earth; Criteria B
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10V @ 0.15 - 80MHz; Criteria A
D.C. Power Ports: 10V @ 0.15 - 80MHz; Criteria A
Earth Ground Ports: 10V @ 0.15 - 80MHz; Criteria A
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz; Criteria A
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5G @ 150Hz; Criterion 3 (Operation/Storage/Transport)
IEC60068-2-27 Ea (Shock)
25G @ 11ms (Half-Sine Shock Pulse; Operation)
50G @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 Ed (Free Fall)
1M (3.281ft.)
NEMA TS1/2 Environmental requirements for traffic control
equipment
Mechanical
Casing
Metal case
Dimensions
Single Power: 442mm (W) x 205mm (D) x 44.2mm (H)
(17.40" (W) x 8.07" (D) x 1.73" (H))
Weight
3Kg (6.61lbs.)
Installation
Rack Mounting
Interface
Ethernet Port
10/100 BASE: 16 ports
Gigabit: 2 prots
LED Indicators
Per Unit: Power Status: Power 1, 2 (Green), Fault
Per Port: 10/100TX, 100FX: Link/Activity (Green), Speed
(Amber)
Per Port: Gigabit: Link/Activity (Green) , Speed (Amber)
Per PoE: 10/100TX (Amber)
Power
Power Input
47 - 57VDC
Power
Consumption
Device: Max. 15W (without PoE)
PoE power budget (depends on power input):480W Max.
PoE Power
Output
IEEE 802.3at: up to 30W/port, 50 - 57VDC, 600mA Max.
Supports reverse polarity protection


Similar Part No. - SFP-4360

ManufacturerPart #DatasheetDescription
logo
Level One
SFP-4360 LVL1-SFP-4360 Datasheet
104Kb / 1P
   simplex LC connector
SFP-4360 LVL1-SFP-4360 Datasheet
525Kb / 2P
   6 GE plus 2 SFP Unmanaged Switch -20 to 60C, DIN-rail
SFP-4360 LVL1-SFP-4360 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
SFP-4360 LVL1-SFP-4360 Datasheet
525Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -10 to 60C, DIN-rail
SFP-4360 LVL1-SFP-4360 Datasheet
355Kb / 2P
   8 FE plus 2 GE SFP Managed Switch -40 to 75C, DIN-rail
More results

Similar Description - SFP-4360

ManufacturerPart #DatasheetDescription
logo
Level One
IES-1020 LVL1-IES-1020 Datasheet
512Kb / 2P
   8 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
IES-1820 LVL1-IES-1820 Datasheet
514Kb / 2P
   16 x 802.3at plus 2GE SFP Combo Unmanaged Switch -40 to 75C
IES-1881 LVL1-IES-1881 Datasheet
432Kb / 2P
   16 x 802.3at plus 2 GE TX/1000LX Combo Managed Switch -40 to 75C
IES-0882 LVL1-IES-0882 Datasheet
442Kb / 2P
   4 x 802.3at plus 4 FE plus 2 GE Combo Managed Switch -40 to 75C, Desktop
IES-0521 LVL1-IES-0521 Datasheet
522Kb / 2P
   4 x 802.3af plus 1 FE Unmanaged Switch -40 to 75C, Desktop
IES-0852 LVL1-IES-0852 Datasheet
645Kb / 2P
   4 x 802.3at plus 4 FE Web Smart Switch -40 to 75C, DIN-rail
IES-0821 LVL1-IES-0821 Datasheet
603Kb / 2P
   4 x 802.3af plus 4 FE Unmanaged Switch -40 to 75C, DIN-rail
IES-0620 LVL1-IES-0620 Datasheet
1Mb / 4P
   Industrial Gigabit Ethernet Switch - 4 x 802.3af/at PoE plus 1 SFP plus 1 Combo -40 to 75C, 12 to 55VDC
IES-0853 LVL1-IES-0853 Datasheet
645Kb / 2P
   4 x 802.3at plus 3 FE plus 1 MM SC Web Smart Switch -40 to 75C, DIN-rail
IES-0822 LVL1-IES-0822 Datasheet
510Kb / 2P
   4 x 802.3af plus 3 FEplus 1 MM SC Unmanaged Switch -40 to 75C, DIN-rail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com