Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBR-6012 Datasheet(PDF) 2 Page - Level One

Part # WBR-6012
Description  N300 Wireless Router
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

WBR-6012 Datasheet(HTML) 2 Page - Level One

  WBR-6012_16 Datasheet HTML 1Page - Level One WBR-6012_16 Datasheet HTML 2Page - Level One WBR-6012_16 Datasheet HTML 3Page - Level One WBR-6012_16 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Key Features
- Upgrades your wireless network up to 300Mbps
- Enlarge wireless network coverage through WDS technology
- Auto Channel Selection for low interference band
- Built-in Wake-on-LAN feature to startup/shutdown computers remotely
- QoS control for traffic prioritization and bandwidth management
- Built-in robust firewall to protect Internet access against intruders
- Effortless wireless security with a simple push of the WPS button
- Simple setup with user-friendly interface
Specifications
System Specifications
Standards & Protocols:
General: IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.11e QoS provisioning at the MAC layer
IEEE 802.1X Port-based Network Access Control (PNAC)
IEEE 802.11b, IEEE 802.11g, IEEE 802.11n Wireless Networking
Static-IP Address, Dynamic IP Address, PPPoE, PPTP, L2TP
Connectors and Cabling:
4 x 10/100Base-TX RJ-45 LAN Port
1 x 10/100Base-TX RJ-45 WAN Port
Button:
WPS / Reset Button
Indicator:
Status / WAN / Wireless LAN / LAN
Power:
DC 5V / 1A
Wireless
www.level1.com
Page 2 of 4


Similar Part No. - WBR-6012_16

ManufacturerPart #DatasheetDescription
logo
Level One
WBR-6012 LVL1-WBR-6012 Datasheet
455Kb / 5P
   300Mbps WDS technology Auto Channel Selection for low interference band
More results

Similar Description - WBR-6012_16

ManufacturerPart #DatasheetDescription
logo
Level One
WBR-6003 LVL1-WBR-6003_16 Datasheet
447Kb / 4P
   N150 Wireless Router
logo
TP-Link Technologies Co...
AC750 TP-LINK-AC750_V01 Datasheet
2Mb / 5P
   Wireless Travel Router
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
   Wireless Router Node
logo
Level One
WBR-6022 LVL1-WBR-6022 Datasheet
358Kb / 4P
   300Mbps Wireless HomeGuard22 Router
logo
TP-Link Technologies Co...
TL-WR740N TP-LINK-TL-WR740N Datasheet
5Mb / 87P
   150Mbps Wireless N Router
TL-WR841N TP-LINK-TL-WR841N Datasheet
1Mb / 5P
   300Mbps Wireless N Router
AC1350 TP-LINK-AC1350_V04 Datasheet
2Mb / 6P
   Wireless Dual Band Router
TL-WR841ND TP-LINK-TL-WR841ND_V01 Datasheet
656Kb / 3P
   300Mbps Wireless N Router
logo
Level One
WGR-6013 LVL1-WGR-6013 Datasheet
425Kb / 5P
   300Mbps Wireless Gigabit Router
logo
TP-Link Technologies Co...
TL-WR841ND TP-LINK-TL-WR841ND Datasheet
1Mb / 3P
   300Mbps Wireless N Router
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com