Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE8508 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8508
Description  50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to 12 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8508 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8508_13 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8508_13 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8508_13 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to 12 GHz
Configuration
Design
High
DC Input Connector
SMA Female
DC Input Impedance
50 Ohms
RF Output Connector
SMA Male
Electrical Specifications
Frequency Range, GHz
8 to 12
Noise Output ENR, dB
30
Bias Voltage, Volts
28
Bias Current, mA
25
Rise / Fall Time, µs
1
Noise Flatness, dB
± 1
Maximum Noise Output vs VDC, db/%V
0.1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +85
Size
Length, in [mm]
2.5 [63.5]
Width/Dia., in [mm]
0.5 [12.7]
Height, in [mm]
0.5 [12.7]
.
DC Input Connector
Type
SMA Female
RF Output Connector
Type
SMA Male
Hex Size, in.
5/16
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 30 dB From 8 GHz to
12 GHz PE8508
PE8508
PE8508 REV 01
50 Ohm SMA High Power Noise Source With A Noise
Output ENR Of 30 dB From 8 GHz to 12 GHz


Similar Part No. - PE8508_13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8508 PASTERNACK-PE8508 Datasheet
251Kb / 1P
   SMA MALE TO SMA FEMALE HIGH OUTPUT NOISE GENERATOR, FREQUENCY RANGE: 8 TO 12 GHz
More results

Similar Description - PE8508_13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8503 PASTERNACK-PE8503_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 8 GHz to 12 GHz
PE8507 PASTERNACK-PE8507_13 Datasheet
216Kb / 3P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 4 GHz to 8 GHz
PE8504 PASTERNACK-PE8504_13 Datasheet
208Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 12 GHz to 18 GHz
PE8502 PASTERNACK-PE8502_13 Datasheet
207Kb / 3P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15.15 dB From 4 GHz to 8 GHz
PE8506 PASTERNACK-PE8506_13 Datasheet
248Kb / 2P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 2 GHz to 4 GHz
PE8505 PASTERNACK-PE8505_13 Datasheet
215Kb / 3P
   50 Ohm SMA High Power Noise Source With A Noise Output ENR Of 32.5 dB From 1 GHz to 2 GHz
PE8500 PASTERNACK-PE8500_13 Datasheet
241Kb / 3P
   50 Ohm BNC Medium Power Noise Source Power Noise Source With A Noise Output ENR Of 15.5 dB From 1 GHz to 2 GHz
PE85N1022 PASTERNACK-PE85N1022 Datasheet
391Kb / 5P
   50 Ohm BNC Medium Power Noise Source With A Noise Output ENR Of 15 dB From 1 GHz to 18 GHz
PE85N1003 PASTERNACK-PE85N1003 Datasheet
413Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 26 dB From 10 MHz to 6 GHz
PE85N1006 PASTERNACK-PE85N1006 Datasheet
405Kb / 6P
   50 Ohm SMA Medium Power Noise Source With A Noise Output ENR Of 15 dB From 10 MHz to 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com