Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS480D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS480D
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS480D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS480D Datasheet HTML 1Page - Vectron International, Inc TFS480D Datasheet HTML 2Page - Vectron International, Inc TFS480D Datasheet HTML 3Page - Vectron International, Inc TFS480D Datasheet HTML 4Page - Vectron International, Inc TFS480D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 480d.doc
Version 1.1
07.05.2008
Vectron International
Filter specification
TFS 480D
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
10
dBm
Terminating impedance: *
Input:
700
|| -0,92 pF
Output:
700
|| -0,92 pF
External Coil:
59 nH
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 480D is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 3 dB filter
attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed at 480 MHz without any tolerance. The given values for both the relative
attenuation arel and the group delay ripple have to be achieved at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
4,4
dB
max.
6,5
dB
(reference level)
Nominal frequency
fN
-
480,0
MHz
Centre frequency
fC
480,0
MHz
-
Passband
PB
-
fN
±
88,0 kHz
Bandwidth
BW
3
dB
442
kHz
-
Relative attenuation
arel
fN -
100,0
MHz … fN -
91,4
MHz
57
dB
min.
45
dB
fN -
91,4
MHz … fN -
16,0
MHz
43
dB
min.
31
dB
fN -
16,0
MHz … fN -
2,5
MHz
54
dB
min.
45
dB
fN -
2,5
MHz … fN -
1,6
MHz
50
dB
min.
37
dB
fN ±
1,2
MHz … fN ±
1,6
MHz
43
dB
min.
32
dB
fN +
1,6
MHz … fN +
2,1
MHz
47
dB
min.
35
dB
fN +
2,1
MHz … fN +
3,4
MHz
45
dB
min.
37
dB
fN +
3,4
MHz … fN +
6,8
MHz
53
dB
min.
42
dB
fN +
6,8
MHz … fN +
100,0
MHz
62
dB
min.
51
dB
Group delay ripple within PB
0,4
µs
max.
2
µs
Operating temperature range
OTR
-
- 20 °C ... + 70°C
Storage temperature range
-
- 30 °C ... + 80°C
Frequency inversion temperature
50
°C
-
Temperature coefficient of frequency
TCf **
-0,03
ppm/K
2
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) ∆f(Hz) = TCf(ppm/K
2) x (T-T
0)
2 x fTo(MHz)
Generated:
Checked / Approved:


Similar Part No. - TFS480D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS480A VECTRON-TFS480A Datasheet
186Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS480C VECTRON-TFS480C Datasheet
86Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS480D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com