Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDBCT360-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # ACDBCT360-HF
Description  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBCT360-HF Datasheet(HTML) 4 Page - Comchip Technology

  ACDBCT360-HF Datasheet HTML 1Page - Comchip Technology ACDBCT360-HF Datasheet HTML 2Page - Comchip Technology ACDBCT360-HF Datasheet HTML 3Page - Comchip Technology ACDBCT360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:B
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
3220
Suggested PAD Layout
A
B
SIZE
(inch)
0.154MIN.
(mm)
3.90MIN.
4.10MAX.
11.90REF.
0.161MAX.
0.469 REF.
3220
A
B
C
C
Marking Code
2
Part Number
Marking Code
ACDBCT320-HF
ACDBCT340-HF
ACDBCT360-HF
4
6
ACDBCT3100-HF
10
Cathode mark
CSCD
.XX.
Marking code
Comchip Technology CO., LTD.
AQW-JB002
SMD Schottky Barrier Diode


Similar Part No. - ACDBCT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBC340-HF COMCHIP-ACDBC340-HF Datasheet
109Kb / 4P
   SMD Schottky Barrier Diode
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC560-HF COMCHIP-ACDBC560-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBCT360-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com