Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDBN140-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACDBN140-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBN140-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACDBN140-HF Datasheet HTML 1Page - Comchip Technology ACDBN140-HF Datasheet HTML 2Page - Comchip Technology ACDBN140-HF Datasheet HTML 3Page - Comchip Technology ACDBN140-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
REV:B
Reel Taping Specification
C
Index hole
d
E
F
B
W
P
P0
P1
A
SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
AQW-JB004
B
C
d
D
D2
D1
E
F
P
P0
P1
SYMBOL
W
W1
(mm)
(inch)
0.087 ± 0.004
0.144 ± 0.004
0.050 ± 0.004
0.059 ± 0.004
7.008 ± 0.079
1.969 MIN.
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.472 ± 0.012
0.736 MAX.
2.20 ± 0.10
3.65 ± 0.10
4.00 ± 0.10
1.50 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
50.00 MIN.
13.00 ± 0.50
1.28 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
12.00 ± 0.30
18.70 MAX.
178.00 ± 2.00
A
1206
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
1206
D1
D
W1
D2


Similar Part No. - ACDBN140-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBA1100-HF COMCHIP-ACDBA1100-HF Datasheet
115Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1200-HF COMCHIP-ACDBA1200-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA140-HF COMCHIP-ACDBA140-HF Datasheet
108Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA160-HF COMCHIP-ACDBA160-HF Datasheet
108Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - ACDBN140-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com