Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE110A-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # 1.5KE110A-HF
Description  1500W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1.5KE110A-HF Datasheet(HTML) 5 Page - Comchip Technology

  1.5KE110A-HF Datasheet HTML 1Page - Comchip Technology 1.5KE110A-HF Datasheet HTML 2Page - Comchip Technology 1.5KE110A-HF Datasheet HTML 3Page - Comchip Technology 1.5KE110A-HF Datasheet HTML 4Page - Comchip Technology 1.5KE110A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1500W Transient Voltage Suppressor
QW-JTV06
Page 5
REV:C
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Standard Packaging
Note: (1)Suffix code after part number to specify packaging item.
Packaging
AMMO PACK
REEL PACK
Code
NA
T
BULK PACK
B
Part Number
1.5KEXXX(C)A-HF
1.5KEXXX(C)AT-HF
1.5KEXXX(C)AB-HF
(2)XXX on behalf of serial products.
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
Case Type
DO-201AD
1,000
BOX
( pcs )
AMMO PACK
CARTON
( pcs )
10,000
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
CARTON
( pcs )
10,000
REEL PACK


Similar Part No. - 1.5KE110A-HF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1.5KE110A-AP MCC-1.5KE110A-AP Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Diodes Incorporated
1.5KE110A-B DIODES-1.5KE110A-B Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Littelfuse
1.5KE110A-B LITTELFUSE-1.5KE110A-B Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Micro Commercial Compon...
1.5KE110A-BP MCC-1.5KE110A-BP Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Comchip Technology
1.5KE110A-G COMCHIP-1.5KE110A-G Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
More results

Similar Description - 1.5KE110A-HF

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com