Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC2007-3 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MC2007-3
Description  3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2007-3 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MC2007-3 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional Description
02007-DSH-002-E
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
3.3
General Description
3.3.1
TIA
The transimpedance amplifier consists of a high gain single-ended CMOS amplifier (TIA), with a feedback resistor.
The feedback creates a low impedance at the input and virtually all of the input current passes through the
feedback resistor, defining the voltage at the output. Advanced CMOS design techniques are employed to maintain
the stability of this stage across all input conditions.
Single-ended amplifiers have inherently poor power supply noise rejection. For this reason, an on-chip, low
dropout, linear regulator has been incorporated into the design to give excellent noise rejection up to several MHz.
Higher frequency power supply noise must be removed by external decoupling.
The circuit is designed for PIN photodiodes in the grounded cathode configuration, with the anode connected to the
input of the TIA and the cathode connected to the PIN K input. The PIN K pad supplies ~1.7V to reverse bias the
pin diode to reduce capacitance. If a higher reverse voltage is required, the user may supply their own low
impedance bias supply.
3.3.2
AGC
The MC2007-3 has been designed to operate over the input range of +3 dBm to –39 dBm at long wavelengths. To
do so, the AGC achieves a dynamic range compression of 50:1 in transimpedance.
The AGC only operates on signals greater than –30 dBm (@ 0.9 A/W). This knee in the gain response is important
when setting signal detect functions in the following post amplifier. It also aids in active photodiode alignment.
3.3.3
Output Stage
The signal from the TIA enters a phase splitter and a pair of voltage follower outputs. These are designed to drive a
high impedance (>500
Ω) load. They are stable for driving capacitive loads, such as interstage filters.


Similar Part No. - MC2007-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC2007-3 ETC2-MC2007-3 Datasheet
301Kb / 18P
   Passive Optical Networks
More results

Similar Description - MC2007-3

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com