Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5KP80CA-G Datasheet(PDF) 2 Page - Comchip Technology

Part # A5KP80CA-G
Description  5000W Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

A5KP80CA-G Datasheet(HTML) 2 Page - Comchip Technology

  A5KP80CA-G Datasheet HTML 1Page - Comchip Technology A5KP80CA-G Datasheet HTML 2Page - Comchip Technology A5KP80CA-G Datasheet HTML 3Page - Comchip Technology A5KP80CA-G Datasheet HTML 4Page - Comchip Technology A5KP80CA-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC (A5KP-G Series)
5000W Transient Voltage Suppressor
Page 2
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Fig.1 - Pulse Derating Curve
Fig.4- Peak Pulse Power Rating Curve
0.1
Pulse Width, td (μs)
1
10
100
Fig.3 - Steady State Power Derating Curve
0
4
6
8
50
125
200
175
150
100
75
25
0
25
0
50
75
100
0.1
10
1
10000
100
1000
0
50
125
200
175
150
100
75
25
2
Breakdown Voltage, VBR (V)
Fig.6 - Typical Junction Capacitance
100
100000
1000
10
100
1000
10000
10
1
Bi-directional @ VRWM
Uni-directional
@zero bias
Bi-directional
@zero bias
Uni-directional
@VRWM
TJ=25°C
f=1.0MHz
1
Ambient Temperature, TA (°C)
200
Number of Cycle at 60 HZ
1
10
100
300
400
500
250
350
450
TJ = TJ Max
8.3ms Single Half
Sine-Wave
Fig.2 - Maximum Non-Repetitive
Surge Current
Lead Temperature,TL (°C)
Time, (ms)
Fig.5 - Pulse Waveform
0
0
25
75
125
1
2
3
4
50
100
td
Pulse width (td) is defined
as the point where the peak
current decays to 50% of IPP
Tr = 10μs
Peak value IPP
Half value = IPP/2
TJ = 25°C
10/1000μs. Waveform
as defined by R.E.A.
AQW-BTV06
REV:B


Similar Description - A5KP80CA-G

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
5KP5.0 DIGITRON-5KP5.0 Datasheet
291Kb / 4P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
5KP-HF COMCHIP-5KP-HF Datasheet
104Kb / 5P
   5000W Transient Voltage Suppressor
logo
Won-Top Electronics
5KP120 WTE-5KP120 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
5KP LEIDITECH-5KP Datasheet
629Kb / 5P
   5000W Transient Voltage Suppressor
logo
Diodes Incorporated
5KP50CAS DIODES-5KP50CAS Datasheet
67Kb / 3P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Won-Top Electronics
5KP WTE-5KP_06 Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
5KP5 TAITRON-5KP5 Datasheet
202Kb / 6P
   5000W Transient Voltage Suppressor
logo
Comchip Technology
5KP-G COMCHIP-5KP-G Datasheet
100Kb / 5P
   5000W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
5KSMC10AH TSC-5KSMC10AH Datasheet
451Kb / 5P
   5000W, 10V- 40V Surface Mount Transient Voltage Suppressor
5.0SMDJ TSC-5.0SMDJ Datasheet
406Kb / 6P
   5000W, 16V - 100V Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com