Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6052873 Datasheet(PDF) 5 Page - SICK AG

Part # 6052873
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6052873 Datasheet(HTML) 5 Page - SICK AG

  6052873 Datasheet HTML 1Page - SICK AG 6052873 Datasheet HTML 2Page - SICK AG 6052873 Datasheet HTML 3Page - SICK AG 6052873 Datasheet HTML 4Page - SICK AG 6052873 Datasheet HTML 5Page - SICK AG 6052873 Datasheet HTML 6Page - SICK AG 6052873 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRO2-P100B25A1 | Profiler™
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Receiving area
Measuring width
in mm (inch) /resolution (R)
75
(2.95)
0
100
(3.94)
125
(4.92)
Measuring distance
in mm (inch)
17 (0.67) /
25 μm
22 (0.87) /
33 μm
27 (1.06) /
40 μm
Connection type
1
2
3
6
7
10
9
5
4
8
11
12
Connection diagram
L+ (12 V … 24 V)
0 V
Offset/laser off
BANK1/reset
BANK2/hold
BANK3/trigger
Q2
Q3
Analog ground
gray
QA
Shield
Q1
1
2
3
4
5
brn
blu
wht
vio
ora
6
gra
7
blk
8
yel
9
red
10
shield
11
wht
12
grn


Similar Part No. - 6052873

ManufacturerPart #DatasheetDescription
logo
SICK AG
6052874 SICK-6052874 Datasheet
549Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - 6052873

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com