Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117IDT-5.0 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM1117IDT-5.0
Description  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IDT-5.0 Datasheet(HTML) 5 Page - Texas Instruments

  LM1117IDT-5.0 Datasheet HTML 1Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 2Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 3Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 4Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 5Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 6Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 7Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 8Page - Texas Instruments LM1117IDT-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM1117
www.ti.com
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
6.5 LM1117 Electrical Characteristics
unless otherwise specified, TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
LM1117-ADJ
1.238
1.25
1.262
IOUT = 10 mA, VIN – VOUT = 2 V, TJ = 25°C
VREF
Reference Voltage
TJ = 25°C
1.25
V
LM1117-ADJ
10 mA
≤ IOUT ≤ 800 mA, 1.4 V ≤
over the junction temperature range
1.225
1.27
VIN – VOUT ≤ 10 V
0°C to 125°C
LM1117-1.8
1.782
1.8
1.818
IOUT = 10 mA, VIN = 3.8 V, TJ = 25°C
TJ = 25°C
1.8
V
LM1117-1.8
0
≤ IOUT ≤ 800 mA, 3.2 V ≤ VIN
over the junction temperature range
1.746
1.854
10 V
0°C to 125°C
LM1117-2.5
2.475
2.5
2.525
IOUT = 10 mA, VIN = 4.5 V, TJ = 25°C
TJ = 25°C
2.5
V
LM1117-2.5
0
≤ IOUT ≤ 800 mA, 3.9 V ≤ VIN
over the junction temperature range
2.45
2.55
10 V
0°C to 125°C
VOUT
Output Voltage
LM1117-3.3
3.267
3.3
3.333
IOUT = 10 mA, VIN = 5 V TJ = 25°C
TJ = 25°C
3.3
V
LM1117-3.3
0
≤ IOUT ≤ 800 mA, 4.75 V ≤ VIN ≤ over the junction temperature range
3.235
3.365
10 V
0°C to 125°C
LM1117-5.0
4.95
5
5.05
IOUT = 10 mA, VIN = 7 V, TJ = 25°C
TJ = 25°C
5
V
LM1117-5.0
0
≤ IOUT ≤ 800 mA, 6.5 V ≤ VIN
over the junction temperature range
4.9
5.1
12 V
0°C to 125°C
TJ = 25°C
0.035%
LM1117-ADJ
IOUT = 10mA, 1.5V ≤ VIN-VOUT
over the junction temperature range
0.2%
13.75V
0°C to 125°C
TJ = 25°C
1
LM1117-1.8
mV
over the junction temperature range
IOUT = 0 mA, 3.2 V ≤ VIN ≤ 10 V
6
0°C to 125°C
TJ = 25°C
1
LM1117-2.5
ΔVOUT
Line Regulation(3)
mV
over the junction temperature range
IOUT = 0 mA, 3.9 V ≤ VIN ≤ 10 V
6
0°C to 125°C
TJ = 25°C
1
LM1117-3.3
mV
over the junction temperature range
IOUT = 0 mA, 4.75 V ≤ VIN ≤ 15 V
6
0°C to 125°C
TJ = 25°C
1
LM1117-5.0
mV
over the junction temperature range
IOUT = 0 mA, 6.5 V ≤ VIN ≤ 15 V
10
0°C to 125°C
TJ = 25°C
0.2%
LM1117-ADJ
VIN – VOUT = 3 V, 10 ≤ IOUT ≤ 800 over the junction temperature range
0.4%
mA
0°C to 125°C
TJ = 25°C
1
LM1117-1.8
mV
over the junction temperature range
VIN = 3.2 V, 0 ≤ IOUT ≤ 800 mA
10
0°C to 125°C
TJ = 25°C
1
LM1117-2.5
ΔVOUT
Load Regulation(3)
mV
over the junction temperature range
VIN = 3.9 V, 0 ≤ IOUT ≤ 800 mA
10
0°C to 125°C
TJ = 25°C
1
LM1117-3.3
mV
over the junction temperature range
VIN = 4.75 V, 0 ≤ IOUT ≤ 800 mA
10
0°C to 125°C
TJ = 25°C
1
LM1117-5.0
mV
over the junction temperature range
VIN = 6.5 V, 0 ≤ IOUT ≤ 800 mA
15
0°C to 125°C
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric normal.
(3)
Load and line regulation are measured at constant junction room temperature.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM1117


Similar Part No. - LM1117IDT-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117IDT-5.0 NSC-LM1117IDT-5.0 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117IDT-5.0 NSC-LM1117IDT-5.0 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IDT-5.0/NOPB TI1-LM1117IDT-5.0/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDT-5.0/NOPB TI1-LM1117IDT-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IDT-5.0/NOPB TI1-LM1117IDT-5.0/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IDT-5.0

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com