Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6200EM5-5.0 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6200EM5-5.0
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200EM5-5.0 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6200EM5-5.0 Datasheet HTML 1Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 2Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 3Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 4Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 5Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 6Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 7Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 8Page - Sipex Corporation SP6200EM5-5.0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
PIN NUMBER
NAME
FUNCTION
1IN
Supply Input
2
GND
Ground
3EN
Enable/Shutdown (Input): CMOS or TTL compatible
input. Logic high = enable, logic low = shutdown
4
RSN (Reset Not)
Open drain indicating that VOUT is good
4
ADJ
Adjustable (Input): Adjustable regulator feedback
input. Connect resistor voltage divider.
5
OUT
Regulator Output
PIN DESCRIPTION
PIN NUMBER
NAME
(8 Pin DFN) FUNCTION
1NC
No Connect
2
VIN
Supply Input
3
VOUT
Regulator Input
4NC
No Connect
5
RSN
Open drain indicating that VOUT is good
6NC
No Connect
7
GND
Ground
8EN
Enable/Shutdown (Input): CMOS or TTL compatible
input. Logic high = enable, logic low = shutdown


Similar Part No. - SP6200EM5-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200EM5-5.0 SIPEX-SP6200EM5-5.0 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6200EM5-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com