Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2560 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2560
Description  Dual Channel Precision Adjustable Current-limited Power Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2560 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2560_15 Datasheet HTML 2Page - Texas Instruments TPS2560_15 Datasheet HTML 3Page - Texas Instruments TPS2560_15 Datasheet HTML 4Page - Texas Instruments TPS2560_15 Datasheet HTML 5Page - Texas Instruments TPS2560_15 Datasheet HTML 6Page - Texas Instruments TPS2560_15 Datasheet HTML 7Page - Texas Instruments TPS2560_15 Datasheet HTML 8Page - Texas Instruments TPS2560_15 Datasheet HTML 9Page - Texas Instruments TPS2560_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
V
5V/div
OUT1
V
EN1_bar
5V/div
t-Time-2ms/div
I
2 A/div
IN
V
5V/div
OUT2
V
=V
EN1_bar
EN2_bar
V
5V/div
OUT1
V
EN1_bar
5V/div
t-Time-2ms/div
I
2 A/div
IN
V
5V/div
OUT2
V
=V
EN1_bar
EN2_bar
6
TPS2560, TPS2561
SLVS930B – DECEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPS2560 TPS2561
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended operating conditions, V/ENx = 0 V, or VENx = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IIN_off
Supply current, low-level output
VIN = 6.5 V, no load on OUTx, VENx = 6.5 V or VENx = 0 V
0.1
2.0
μA
IIN_on
Supply current, high-level output
VIN = 6.5 V, no load on OUT
RILIM = 20 kΩ
100
125
μA
RILIM = 100 kΩ
85
110
μA
IREV
Reverse leakage current
VOUTx = 6.5 V, VIN = 0 V
TJ = 25°C
0.01
1.0
μA
UNDERVOLTAGE LOCKOUT
UVLO
Low-level input voltage, IN
VIN rising
2.35
2.45
V
Hysteresis, IN
TJ = 25°C
35
mV
FAULTx FLAG
VOL
Output low voltage, FAULTx
IFAULTx = 1 mA
180
mV
Off-state leakage
VFAULTx = 6.5 V
1
μA
FAULTx deglitch
FAULTx assertion or de-assertion due to overcurrent condition
6
9
13
ms
THERMAL SHUTDOWN
OTSD2
Thermal shutdown threshold
155
°C
OTSD
Thermal shutdown threshold in current-limit
135
°C
Hysteresis
20(2)
°C
(1)
Mounting per the PowerPADTM Thermally Enhanced Package application report (SLMA002)
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
7.7 Dissipation Ratings
BOARD
PACKAGE
THERMAL
RESISTANCE(1)
RθJA
THERMAL
RESISTANCE
RθJC
TA ≤ 25°C
POWER RATING
High-K(2)
DRC
41.6 °C/W
10.7 °C/W
2403 mW
7.8 Typical Characteristics
Figure 1. Turn-on Delay and Rise Time
Figure 2. Turn-off Delay and Fall Time


Similar Part No. - TPS2560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
More results

Similar Description - TPS2560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560A TI1-TPS2560A Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel Precision Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com