Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65150RGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65150RGER
Description  Low Input Voltage, Compact LCD Bias IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65150RGER Datasheet(HTML) 5 Page - Texas Instruments

  TPS65150RGER Datasheet HTML 1Page - Texas Instruments TPS65150RGER Datasheet HTML 2Page - Texas Instruments TPS65150RGER Datasheet HTML 3Page - Texas Instruments TPS65150RGER Datasheet HTML 4Page - Texas Instruments TPS65150RGER Datasheet HTML 5Page - Texas Instruments TPS65150RGER Datasheet HTML 6Page - Texas Instruments TPS65150RGER Datasheet HTML 7Page - Texas Instruments TPS65150RGER Datasheet HTML 8Page - Texas Instruments TPS65150RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TPS65150
www.ti.com
SLVS576B – SEPTEMBER 2005 – REVISED JANUARY 2016
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VI
Input voltage range
1.8
6
V
VO
Boost converter output voltage
15
V
L
Inductor(1)
4.7
µH
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Refer to application section for further information.
6.4 Thermal Information
TPS65150
THERMAL METRIC(1)
PWP (HTSSOP)
RGE (VQFN)
UNIT
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
36.4
34.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.8
36.2
°C/W
RθJB
Junction-to-board thermal resistance
15.9
12
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.5
°C/W
ψJB
Junction-to-board characterization parameter
15.7
12.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.3
3.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VI = 3.3 V, V(VS) = 10 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage (VIN)
1.8
6
V
Supply current (VIN)
Device not switching
14
25
µA
Supply current (SUP)
Device not switching
1.9
3
mA
Supply current (VCOM buffer)
750
1500
µA
VIT–
Undervoltage lockout threshold (VIN)
VI falling
1.6
1.8
V
VIT+
Undervoltage lockout threshold (VIN)
VI rising
1.7
1.9
V
Thermal shutdown temperature
TJ rising
155
°C
threshold
Thermal shutdown temperature
10
°C
hysteresis
LOGIC SIGNALS
VIH
High-level input voltage (CTRL)
1.6
V
VIL
Low-level input voltage (CTRL)
0.4
V
IIH, IIL
Input current (CTRL)
CTRL = VI or GND
0.01
0.2
µA
BOOST CONVERTER
VO
Output voltage
15
V
Vref
Boost converter reference voltage (FB)
1.136
1.146
1.154
V
IIB
Input bias current (FB)
10
100
nA
VO = 10 V
200
300
rDS(on)
Drain-source on-state resistance (Q1)
IDS = 500 mA
m
VO = 5 V
305
450
VO = 10 V
8
15
rDS(on)
Drain-source on-state resistance (Q2)
IDS = 500 mA
VO = 5 V
12
22
IDS
Drain-source current rating (Q2)
1
A
Current limit (SW)
2
2.5
3.4
A
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65150


Similar Part No. - TPS65150RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65150RGER TI-TPS65150RGER Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
More results

Similar Description - TPS65150RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Texas Instruments
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65177 TI1-TPS65177_16 Datasheet
3Mb / 66P
[Old version datasheet]   Programmable 6-CH LCD Bias IC
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com