Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650244RHBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650244RHBR
Description  Power Management ICs for Li-Ion Powered Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650244RHBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS650244RHBR Datasheet HTML 7Page - Texas Instruments TPS650244RHBR Datasheet HTML 8Page - Texas Instruments TPS650244RHBR Datasheet HTML 9Page - Texas Instruments TPS650244RHBR Datasheet HTML 10Page - Texas Instruments TPS650244RHBR Datasheet HTML 11Page - Texas Instruments TPS650244RHBR Datasheet HTML 12Page - Texas Instruments TPS650244RHBR Datasheet HTML 13Page - Texas Instruments TPS650244RHBR Datasheet HTML 14Page - Texas Instruments TPS650244RHBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TPS650240, TPS650241, TPS650242
TPS650243, TPS650244, TPS650245
www.ti.com
SLVS774C – JUNE 2007 – REVISED JANUARY 2016
8.9 Electrical Characteristics: General
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6V, TA = –40°C to +85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VLDO1 AND VLDO2 LOW DROPOUT REGULATORS
I(q)
Operating quiescent current
Current per LDO into VINLDO
16
30
μA
I(SD)
Shutdown current
Total current into VINLDO, VLDO = 0 V
0.6
2
μA
VINLDO
Input voltage range for LDO1, LDO2
1.5
6.5
V
VLDO1
LDO1 output voltage range
1
3.3
V
VLDO2
LDO2 output voltage range
1
3.3
V
VFB
LDO1 and LDO2 feedback voltage
See (2)
1
V
IO
Maximum output current for LDO1, LDO2
Vin = 1.8 V, Vo = 1.3 V
200
mA
IO
Maximum output current for LDO1, LDO2
Vin = 1.5 V; Vo = 1.3 V
120
mA
ISC
LDO1 & LDO2 short circuit current limit
VLDO1 = GND, VLDO2 = GND
400
mA
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.8 V
120
mV
Minimum voltage drop at LDO1, LDO2
IO = 50 mA, VINLDO = 1.5 V
65
150
mV
Minimum voltage drop at LDO1, LDO2
IO = 200 mA, VINLDO = 1.8 V
300
mV
Output voltage ccuracy for LDO1, LDO2
IO = 10 mA
–2%
1%
VINLDO1,2 = VLDO1,2 + 0.5 V (min. 2.5 V) to 6.5
Line regulation for LDO1, LDO2
–1%
1%
V, IO = 10 mA
Load regulation for LDO1, LDO2
IO = 0 mA to 200 mA
–1%
1%
Regulation time for LDO1, LDO2
Load change from 10% to 90%
10
μs
Vdd_alive LOW DROPOUT REGULATOR
Vdd_alive LDO output voltage,
IO = 0 mA
1.2
TPS650240 to TPS650244
Vdd_alive
V
Vdd_alive LDO output voltage,
IO = 0 mA
1.1
TPS650245
IO
Output current for Vdd_alive
30
mA
ISC
Vdd_alive short circuit current limit
Vdd_alive = GND
100
mA
Output voltage accuracy for Vdd_alive
IO = 0 mA
–1%
1%
Line regulation for Vdd_alive
VCC = Vdd_alive + 0.5 V to 6.5 V, IO = 0 mA
–1%
1%
Regulation time for Vdd_alive
Load change from 10% to 90%
10
μs
ANALOGIC SIGNALS DEFDCDC1, DEFDCDC2, DEFDCDC3
VIH
High level input voltage
1.3
VCC
V
VIL
Low level input voltage
0
0.1
V
IH
Input bias current
0.001
0.05
μA
THERMAL SHUTDOWN
TSD
Thermal shutdown
Increasing junction temperature
160
°C
Thermal shudown hysteresis
Decreasing junction temperature
20
°C
INTERNAL UNDER VOLTAGE LOCK OUT
UVLO
Internal UVLO
VCC falling
–3%
2.35
3%
V
VUVLO_HYST
Internal UVLO comparator hysteresis
120
mV
VOLTAGE DETECTOR COMPARATOR
PWRFAIL_SNS
Comparator threshold
Falling threshold
–2%
1
2%
V
Hysteresis
40
50
60
mV
Propagation delay
25 mV overdrive
10
μs
VOL
Power fail output low voltage
IOL = 5 mA
0.3
V
(1)
Typical values are at TA = 25°C
(2)
If the feedback voltage is forced higher than above 1.2 V, a leakage current into the feedback pin may occur.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650244RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650244RHBR TI-TPS650244RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBR TI-TPS650244RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBRG4 TI-TPS650244RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBRG4 TI-TPS650244RHBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650244RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com