Electronic Components Datasheet Search |
|
TAJB107002NJ Datasheet(PDF) 11 Page - AVX Corporation |
|
TAJB107002NJ Datasheet(HTML) 11 Page - AVX Corporation |
11 / 12 page 16 ■ APRIL 2014 TAJ Automotive Range Standard Tantalum - Automotive Product Range RATINGS & PART NUMBER REFERENCE Rated Rated Category Category DCL DF ESR 100kHz RMS Current (mA) AVX Case Capacitance Voltage Temperature Voltage Temperature (μA) % Max. (Ω) MSL 25ºC 85ºC 125ºC Part No. Size (μF) (V) (ºC) (V) (ºC) Max. Max. @ 100kHz TAJD226*035TNJV D 22 35 85 23 125 7.7 6 0.9 3 408 367 163 TAJE226*035TNJV E 22 35 85 23 125 7.7 6 0.5 3 574 517 230 TAJE336*035TNJV E 33 35 85 23 125 11.6 6 0.9 3 428 385 171 50 Volt @ 85°C TAJA224*050TNJ A 0.22 50 85 33 125 0.5 4 18 1 65 58 26 TAJA334*050TNJ A 0.33 50 85 33 125 0.5 4 17 1 66 60 27 TAJA474*050TNJ A 0.47 50 85 33 125 0.5 4 9.5 1 89 80 36 TAJB474*050TNJ B 0.47 50 85 33 125 0.7 4 9.5 1 95 85 38 TAJB684*050TNJ B 0.68 50 85 33 125 0.5 4 8 1 103 93 41 TAJB105*050TNJ B 1 50 85 33 125 0.5 6 7 1 110 99 44 TAJC105*050TNJ C 1 50 85 33 125 0.5 4 5.5 1 141 127 57 TAJC155*050TNJ C 1.5 50 85 33 125 0.8 6 4.5 1 156 141 63 TAJC225*050TNJ C 2.2 50 85 33 125 1.1 8 2.5 1 210 189 84 TAJD225*050TNJV D 2.2 50 85 33 125 1.1 6 2.5 3 245 220 98 TAJC335*050TNJ C 3.3 50 85 33 125 1.6 6 2.5 1 210 189 84 TAJD335*050TNJV D 3.3 50 85 33 125 1.7 6 2 3 274 246 110 TAJC475*050TNJ C 4.7 50 85 33 125 0.5 4 1.4 1 280 252 112 TAJD475*050TNJV D 4.7 50 85 33 125 2.4 6 1.4 3 327 295 131 TAJD685*050TNJV D 6.8 50 85 33 125 3.4 6 1 3 387 349 155 TAJD106*050TNJV D 10 50 85 33 125 5 6 0.8 3 433 390 173 TAJE106*050TNJV E 10 50 85 33 125 5 6 1 3 406 366 162 TAJE156*050TNJV E 15 50 85 33 125 7.5 6 0.6 3 524 472 210 Moisture Sensitivity Level (MSL) is defined according to J-STD-020 *Please use "U" instead of "T" in the suffix letter for 13'' reel packaging Please use specific PN for automotive version – see “HOW TO ORDER”. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. For typical weight and composition see page 202. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |
Similar Part No. - TAJB107002NJ |
|
Similar Description - TAJB107002NJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |