Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650244RHBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650244RHBT
Description  Power Management ICs for Li-Ion Powered Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650244RHBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS650244RHBT Datasheet HTML 5Page - Texas Instruments TPS650244RHBT Datasheet HTML 6Page - Texas Instruments TPS650244RHBT Datasheet HTML 7Page - Texas Instruments TPS650244RHBT Datasheet HTML 8Page - Texas Instruments TPS650244RHBT Datasheet HTML 9Page - Texas Instruments TPS650244RHBT Datasheet HTML 10Page - Texas Instruments TPS650244RHBT Datasheet HTML 11Page - Texas Instruments TPS650244RHBT Datasheet HTML 12Page - Texas Instruments TPS650244RHBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TPS650240, TPS650241, TPS650242
TPS650243, TPS650244, TPS650245
www.ti.com
SLVS774C – JUNE 2007 – REVISED JANUARY 2016
8.7 Electrical Characteristics: VDCDC2 Step-Down Converter
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6V, TA = –40°C to +85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VVINDCDC2
Input voltage range
2.5
6
V
IO
Maximum output current for TPS650240,
VO = 2.5 V
800
mA
TPS650242, and TPS650245
IO
Maximum output current for TPS650241
VO = 2.5 V
1000
mA
and TPS650243
IO
Maximum output current for TPS650244
VO = 2.5 V
1600
mA
ISD
Shutdown supply current in VINDCDC2
EN_DCDC2 = GND
0.1
1
μA
RDS(ON)
P-channel MOSFET ON-resistance
VINDCDC2 = VGS = 3.6 V
140
300
m
ILP
P-channel leakage current
VINDCDC2 = 6 V
2
μA
RDS(ON)
N-channel MOSFET ON-resistance
VINDCDC2 = VGS = 3.6 V
150
297
m
ILN
N-channel leakage current
VDS = 6 V
7
10
μA
ILIMF
Forward current limit (P- and N-channel)
for TPS650240, TPS650242, and
2.5 V < VINDCDC2 < 6 V
1.05
1.16
1.29
A
TPS650245
ILIMF
Forward current limit (P- and N-channel)
2.5 V < VINDCDC2 < 6 V
1.22
1.35
1.5
A
for TPS650241 and TPS650243
ILIMF
Forward current limit (P- and N-channel)
2.5 V < VINDCDC2 < 6 V
1.75
1.97
2.15
A
for TPS650244
fS
Oscillator frequency
1.95
2.25
2.55
MHz
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ IO ≤ 1.6 A
Fixed output voltage MODE = 0
(PWM/PFM)
VINDCDC2 = 3.0 V to 6 V;
2.5 V
–2%
2%
0 mA
≤ IO ≤ 1.6 A
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ IO ≤ 1.6 A
Fixed output voltage MODE = 1 (PWM)
VINDCDC2 = 3.0 V to 6 V;
VDCDC2
2.5 V
–1%
1%
0 mA
≤ IO ≤ 1.6 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.5 V (min 2.5 V) to 6 V;
divider at DEFDCDC2; MODE = 0
–2%
2%
0 mA
≤ IO ≤ 1.6 A
(PWM)
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 + 0.5 V (min 2.5 V) to 6 V;
divider at DEFDCDC2; MODE = 1
–1%
1%
0 mA
≤ IO ≤ 1.6 A
(PWM)
VINDCDC2 = VDCDC2 + 0.3 V (min 2.5 V) to 6 V;
Line regulation
0%
V
IO = 10 mA
Load regulation
IO = 10 mA to 1.6 A
0.25%
A
TSS
Soft-start ramp time
VDCDC2 ramping from 5% to 95% of target value
750
μs
R(L2)
Internal resistance from L2 to GND
1
M
(1)
Typical values are at TA = 25°C
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650244RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650244RHBT TI-TPS650244RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBT TI-TPS650244RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBTG4 TI-TPS650244RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBTG4 TI-TPS650244RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650244RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com