Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJB227002NJ Datasheet(PDF) 9 Page - AVX Corporation

Part # TAJB227002NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB227002NJ Datasheet(HTML) 9 Page - AVX Corporation

Back Button TAJB227002NJ Datasheet HTML 4Page - AVX Corporation TAJB227002NJ Datasheet HTML 5Page - AVX Corporation TAJB227002NJ Datasheet HTML 6Page - AVX Corporation TAJB227002NJ Datasheet HTML 7Page - AVX Corporation TAJB227002NJ Datasheet HTML 8Page - AVX Corporation TAJB227002NJ Datasheet HTML 9Page - AVX Corporation TAJB227002NJ Datasheet HTML 10Page - AVX Corporation TAJB227002NJ Datasheet HTML 11Page - AVX Corporation TAJB227002NJ Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
14
APRIL 2014
TAJ Automotive Range
Standard Tantalum - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
6.3 Volt @ 85°C
TAJA335*006TNJ
A
3.3
6.3
85
4
125
0.5
6
7
1
104
93
41
TAJA106*006TNJ
A
10
6.3
85
4
125
0.6
6
4
1
137
123
55
TAJB106*006TNJ
B
10
6.3
85
4
125
0.6
6
3
1
168
151
67
TAJA156*006TNJ
A
15
6.3
85
4
125
0.9
6
3.5
1
146
132
59
TAJA226*006TNJ
A
22
6.3
85
4
125
1.4
6
3
1
158
142
63
TAJB226*006TNJ
B
22
6.3
85
4
125
1.4
6
2.5
1
184
166
74
TAJC226*006TNJ
C
22
6.3
85
4
125
1.4
6
2
1
235
211
94
TAJA336*006TNJ
A
33
6.3
85
4
125
2.1
8
2.2
1
185
166
74
TAJB336*006TNJ
B
33
6.3
85
4
125
2.1
6
2.2
1
197
177
79
TAJB476*006TNJ
B
47
6.3
85
4
125
3
6
2
1
206
186
82
TAJC476*006TNJ
C
47
6.3
85
4
125
3
6
1.6
1
262
236
105
TAJB686*006TNJ
B
68
6.3
85
4
125
4
8
0.9
1
307
277
123
TAJC686*006TNJ
C
68
6.3
85
4
125
4.3
6
1.5
1
271
244
108
TAJC107*006TNJ
C
100
6.3
85
4
125
6.3
6
0.9
1
350
315
140
TAJD107*006TNJV
D
100
6.3
85
4
125
6.3
6
0.9
3
408
367
163
TAJC157*006TNJ
C
150
6.3
85
4
125
9.5
6
1.3
1
291
262
116
TAJD157*006TNJV
D
150
6.3
85
4
125
9.5
6
0.9
3
408
367
163
TAJD227*006TNJV
D
220
6.3
85
4
125
13.9
8
0.4
3
612
551
245
TAJD337*006TNJV
D
330
6.3
85
4
125
20.8
8
0.4
3
612
551
245
TAJE337*006TNJV
E
330
6.3
85
4
125
20.8
8
0.4
3
642
578
257
TAJD477*006TNJV
D
470
6.3
85
4
125
28
12
0.4
3
612
551
245
TAJE477*006TNJV
E
470
6.3
85
4
125
28
10
0.4
3
642
578
257
TAJE687*006TNJV
E
680
6.3
85
4
125
42.8
10
0.5
3
574
517
230
10 Volt @ 85°C
TAJA225*010TNJ
A
2.2
10
85
7
125
0.5
6
7
1
104
93
41
TAJA475*010TNJ
A
4.7
10
85
7
125
0.5
6
5
1
122
110
49
TAJB475*010TNJ
B
4.7
10
85
7
125
0.5
6
4
1
146
131
58
TAJA685*010TNJ
A
6.8
10
85
7
125
0.7
6
4
1
137
123
55
TAJB685*010TNJ
B
6.8
10
85
7
125
0.7
6
3
1
168
151
67
TAJA106*010TNJ
A
10
10
85
7
125
1
6
3
1
158
142
63
TAJB106*010TNJ
B
10
10
85
7
125
1
6
2.1
1
201
181
80
TAJA156*010TNJ
A
15
10
85
7
125
1.5
6
3.2
1
153
138
61
TAJB156*010TNJ
B
15
10
85
7
125
1.5
6
2.8
1
174
157
70
TAJC156*010TNJ
C
15
10
85
7
125
1.5
6
2
1
235
211
94
TAJA226*010TNJ
A
22
10
85
7
125
2.2
8
3
1
158
142
63
TAJB226*010TNJ
B
22
10
85
7
125
2.2
6
2.4
1
188
169
75
TAJC226*010TNJ
C
22
10
85
7
125
2.2
6
1.8
1
247
222
99
TAJB336*010TNJ
B
33
10
85
7
125
3.3
6
1.8
1
217
196
87
TAJC336*010TNJ
C
33
10
85
7
125
3.3
6
1.6
1
262
236
105
TAJB476*010TNJ
B
47
10
85
7
125
4.7
8
1
1
292
262
117
TAJC476*010TNJ
C
47
10
85
7
125
4.7
6
1.2
1
303
272
121
TAJD476*010TNJV
D
47
10
85
7
125
4.7
6
0.4
3
612
551
245
TAJC686*010TNJ
C
68
10
85
7
125
6.8
6
1.3
1
291
262
116
TAJD686*010TNJV
D
68
10
85
7
125
6.8
6
0.9
3
408
367
163
TAJC107*010TNJ
C
100
10
85
7
125
10
8
1.2
1
303
272
121
TAJD107*010TNJV
D
100
10
85
7
125
10
6
0.9
3
408
367
163
TAJD157*010TNJV
D
150
10
85
7
125
15
8
0.9
3
408
367
163
TAJE157*010TNJV
E
150
10
85
7
125
15
8
0.9
3
428
385
171
TAJD227*010TNJV
D
220
10
85
7
125
22
8
0.5
3
548
493
219
TAJE227*010TNJV
E
220
10
85
7
125
22
8
0.5
3
574
517
230
TAJE337*010TNJV
E
330
10
85
7
125
33
8
0.9
3
428
385
171
16 Volt @ 85°C
TAJA105*016TNJ
A
1
16
85
10
125
0.5
4
11
1
83
74
33
TAJA225*016TNJ
A
2.2
16
85
10
125
0.5
6
6.5
1
107
97
43
TAJA335*016TNJ
A
3.3
16
85
10
125
0.5
6
5
1
122
110
49
TAJB335*016TNJ
B
3.3
16
85
10
125
0.5
6
4.5
1
137
124
55
TAJA475*016TNJ
A
4.7
16
85
10
125
0.8
6
4
1
137
123
55
TAJB475*016TNJ
B
4.7
16
85
10
125
0.8
6
3.5
1
156
140
62
TAJA685*016TNJ
A
6.8
16
85
10
125
1.1
6
3.5
1
146
132
59
TAJB685*016TNJ
B
6.8
16
85
10
125
1.1
6
2.5
1
184
166
74
TAJA106*016TNJ
A
10
16
85
10
125
1.6
6
3
1
158
142
63
TAJB106*016TNJ
B
10
16
85
10
125
1.6
6
2.8
1
174
157
70
TAJC106*016TNJ
C
10
16
85
10
125
1.6
6
2
1
235
211
94
TAJB156*016TNJ
B
15
16
85
10
125
2.4
6
2.5
1
184
166
74
TAJC156*016TNJ
C
15
16
85
10
125
2.4
6
1.8
1
247
222
99
TAJB226*016TNJ
B
22
16
85
10
125
3.5
6
2.3
1
192
173
77
TAJC226*016TNJ
C
22
16
85
10
125
3.5
6
1
1
332
298
133
TAJD226*016TNJV
D
22
16
85
10
125
3.5
6
1.1
3
369
332
148
TAJC336*016TNJ
C
33
16
85
10
125
5.3
6
1.5
1
271
244
108
TAJD336*016TNJV
D
33
16
85
10
125
5.3
6
0.9
3
408
367
163


Similar Part No. - TAJB227002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB227002NJ AVX-TAJB227002NJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
TAJB227002NJ AVX-TAJB227002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJB227002NJ AVX-TAJB227002NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJB227002NJ AVX-TAJB227002NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJB227002NJ AVX-TAJB227002NJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJB227002NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com