Electronic Components Datasheet Search |
|
ACDSV4148-G Datasheet(PDF) 1 Page - Comchip Technology |
|
ACDSV4148-G Datasheet(HTML) 1 Page - Comchip Technology |
1 / 4 page ACDSV4148-G Features - Fast Switching Speed - High Conductance - Surface Mount Package Ideally Suited for Automatic Insertion Mechanical data - Case: SOD-323, Molded Plastic - Terminals: Solderable per MIL-STD-202, Method 208 - Mounting position: Any. Page 1 AQW-B0008 SMD Switching Diode RoHS Device REV:A - For General Purpose Switching Appilcations. Comchip Technology CO., LTD. - Comply with AEC-Q101 Dimensions in inches and (millimeter) SOD-323 0.071 (1.80) 0.063 (1.60) 0.055 (1.40) 0.047 (1.20) 0.106 (2.75) 0.098 (2.55) 0.040 (1.00) Max. 0.014 (0.35) 0.010 (0.25) 0.019 (0.475)REF 0.006 (0.150) 0.004 (0.10)max 0.003 (0.080) Circuit Diagram - Weight: 0.004 grams(approx.) Maximum Ratings (at TA=25°C unless otherwise noted) Electrical Characteristics (at TA=25°C unless otherwise noted) °C °C °C/W mW mA mA V V V 150 625 200 150 71 100 100 -55 ~ +150 TSTG Tj PD Io VR(RMS) VRRM VRWM VR VRM IFM Storage temperature range Junction temperature range Power dissipation Non-Repetitive peak forward surge current @ t=8.3ms Average rectified output current Peak repetitive peak reverse voltage Working peak reverse voltage DC blocking voltage Non-Repetitive peak reverse voltage Forward continuous current Parameter Symbol Value Unit nS P F uA nA V 4 2 1 25 0.715 0.855 1.0 1.25 CT IR VF TRR Capacitance between terminals Reverse current Forward voltage Reverse recovery time Parameter Conditions Symbol Min Typ Max Unit VR = 0V, f = 1MHZ VR = 75 V VR = 20 V IF1 = 1mA IF2 = 10mA IF3 = 50mA IF4 = 150mA IF = IR = 10mA, RL =100 Ω, Irr = 0.1 X IR RθJA RMS reverse voltage Thermal resistance from junction to ambient IFSM 300 2.0 A Company reserves the right to improve product design , functions and reliability without notice. |
Similar Part No. - ACDSV4148-G |
|
Similar Description - ACDSV4148-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |