Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACDSW4148-G Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDSW4148-G
Description  SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDSW4148-G Datasheet(HTML) 1 Page - Comchip Technology

  ACDSW4148-G Datasheet HTML 1Page - Comchip Technology ACDSW4148-G Datasheet HTML 2Page - Comchip Technology ACDSW4148-G Datasheet HTML 3Page - Comchip Technology ACDSW4148-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACDSW4148-G
Page 1
AQW-B0001
SMD Switching Diode
RoHS Device
Maximum Rating (at Ta=25°C unless otherwise noted)
REV:A
°C
°C
°C/W
mW
mA
V
250
350
150
71
-55~+150
TSTG
Tj
PD
Io
VR(RMS)
Storage temperature range
Junction temperature range
Power dissipation
Non-Repetitive peak forward surge current @t=1µs
Average rectified output current
V
100
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
Parameter
Symbol
Value
Unit
RθJA
RMS reverse voltage
Thermal resistance from junction to ambient
IFSM
2
A
Comchip Technology CO., LTD.
-40~+150
Company reserves the right to improve product design , functions and reliability without notice.
0.152(3.85)
0.140(3.55)
0.045(1.15)
0.041(1.05)
Dimensions in inches and (millimeter)
SOD-123
0.020(0.50) REF
0.004(0.10) Max.
0.110(2.80)
0.102(2.60)
0.067(1.70)
0.059(1.50)
0.026(0.65)
0.018(0.45)
0.006(0.15)
0.003(0.08)
Circuit diagram
Mechanical data
- Case: SOD-123, Molded Plastic
- Weight: 0.0097 grams(approx.).
- Terminals: Solderable per MIL-STD-750,
method 2026.
Reverse Voltage: 100 V
Features
- Fast switching speed
- High conductance
- Surface mount package ideally suited for
automatic insertion
- For general purpose switching applications
- Comply with AEC-Q101
- High speed
Forward Current: 150mA
-
+


Similar Part No. - ACDSW4148-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDSW4148-HF COMCHIP-ACDSW4148-HF Datasheet
466Kb / 4P
   SMD Switching Diodes
REV:A
More results

Similar Description - ACDSW4148-G

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com