Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACGRAT101L-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACGRAT101L-HF
Description  Low VF SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRAT101L-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACGRAT101L-HF Datasheet HTML 1Page - Comchip Technology ACGRAT101L-HF Datasheet HTML 2Page - Comchip Technology ACGRAT101L-HF Datasheet HTML 3Page - Comchip Technology ACGRAT101L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
Page 3
Company reserves the right to improve product design , functions and reliability without notice.
Low VF SMD General Purpose Rectifiers
AQW-JG005
REV: B
Reel Taping Specification
C
Index hole
d
E
F
B
W
P
P0
P1
A
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
D1
D
W1
D2
B
C
d
D
D2
D1
E
F
P
P0
P1
SYMBOL
W
W1
(mm)
(inch)
0.187 ± 0.004
0.096 ± 0.004
0.051 ± 0.004
0.059 ± 0.004
7.008 ± 0.079
1.969 MIN.
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.069 ± 0.004
0.217 ± 0.002
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.472 ± 0.012
0.736 MAX.
4.75 ± 0.10
2.45 ± 0.10
4.00 ± 0.10
1.50 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
50.00 MIN.
13.00 ± 0.50
1.30± 0.10
4.00 ± 0.10
2.00 ± 0.10
12.00 ± 0.30
18.70 MAX.
178.00 ± 2.00
A
2010
2010


Similar Part No. - ACGRAT101L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACGRAT101-HF COMCHIP-ACGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
More results

Similar Description - ACGRAT101L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
CGRMT4001-HF COMCHIP-CGRMT4001-HF Datasheet
163Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com