Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJE687006NJ Datasheet(PDF) 6 Page - AVX Corporation

Part # TAJE687006NJ
Description  General purpose SMT chip tantalum series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJE687006NJ Datasheet(HTML) 6 Page - AVX Corporation

Back Button TAJE687006NJ Datasheet HTML 2Page - AVX Corporation TAJE687006NJ Datasheet HTML 3Page - AVX Corporation TAJE687006NJ Datasheet HTML 4Page - AVX Corporation TAJE687006NJ Datasheet HTML 5Page - AVX Corporation TAJE687006NJ Datasheet HTML 6Page - AVX Corporation TAJE687006NJ Datasheet HTML 7Page - AVX Corporation TAJE687006NJ Datasheet HTML 8Page - AVX Corporation TAJE687006NJ Datasheet HTML 9Page - AVX Corporation TAJE687006NJ Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
APRIL 2014
11
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJB225*035#NJ
B
2.2
35
85
23
125
0.8
6
4.2
1
142
128
57
TAJC225*035#NJ
C
2.2
35
85
23
125
0.8
6
3.5
1
177
160
71
TAJB335*035#NJ
B
3.3
35
85
23
125
1.2
6
3.5
1
156
140
62
TAJC335*035#NJ
C
3.3
35
85
23
125
1.2
6
2.5
1
210
189
84
TAJB475*035#NJ
B
4.7
35
85
23
125
1.6
6
3.1
1
166
149
66
TAJC475*035#NJ
C
4.7
35
85
23
125
1.6
6
2.2
1
224
201
89
TAJD475*035#NJ
D
4.7
35
85
23
125
1.6
6
1.5
1
316
285
126
TAJC685*035#NJ
C
6.8
35
85
23
125
2.4
6
1.8
1
247
222
99
TAJD685*035#NJ
D
6.8
35
85
23
125
2.4
6
1.3
1
340
306
136
TAJC106*035#NJ
C
10
35
85
23
125
3.5
6
1.6
1
262
236
105
TAJD106*035#NJ
D
10
35
85
23
125
3.5
6
1
1
387
349
155
TAJE106*035#NJ
E
10
35
85
23
125
3.5
6
0.9
11)
428
385
171
TAJC156*035#NJ
C
15
35
85
23
125
5.3
6
1.4
1
280
252
112
TAJD156*035#NJ
D
15
35
85
23
125
5.3
6
0.9
1
408
367
163
TAJD226*035#NJ
D
22
35
85
23
125
7.7
6
0.9
1
408
367
163
TAJE226*035#NJ
E
22
35
85
23
125
7.7
6
0.5
11)
574
517
230
TAJD336*035#NJ
D
33
35
85
23
125
11.6
6
0.9
1
408
367
163
TAJE336*035#NJ
E
33
35
85
23
125
11.6
6
0.9
11)
428
385
171
TAJV336*035#NJ
V
33
35
85
23
125
11.6
6
0.5
11)
707
636
283
TAJE476*035#NJ
E
47
35
85
23
125
16.5
6
0.9
11)
428
385
171
TAJV476*035#NJ
V
47
35
85
23
125
16.5
6
0.4
11)
791
712
316
TAJV686*035#NJ
V
68
35
85
23
125
23.8
6
0.5
11)
707
363
283
50 Volt @ 85°C
TAJA104*050#NJ
A
0.1
50
85
33
125
0.5
4
22
1
58
53
23
TAJA154*050#NJ
A
0.15
50
85
33
125
0.5
4
15
1
71
64
28
TAJB154*050#NJ
B
0.15
50
85
33
125
0.5
4
17
1
71
64
28
TAJA224*050#NJ
A
0.22
50
85
33
125
0.5
4
18
1
65
58
26
TAJB224*050#NJ
B
0.22
50
85
33
125
0.5
4
14
1
78
70
31
TAJA334*050#NJ
A
0.33
50
85
33
125
0.5
4
17
1
66
60
27
TAJB334*050#NJ
B
0.33
50
85
33
125
0.5
4
12
1
84
76
34
TAJA474*050#NJ
A
0.47
50
85
33
125
0.5
4
9.5
1
89
80
36
TAJB474*050#NJ
B
0.47
50
85
33
125
0.7
4
9.5
1
95
85
38
TAJC474*050#NJ
C
0.47
50
85
33
125
0.5
4
8
1
117
106
47
TAJA684*050#NJ
A
0.68
50
85
33
125
0.5
4
7.9
1
97
88
39
TAJB684*050#NJ
B
0.68
50
85
33
125
0.5
4
8
1
103
93
41
TAJC684*050#NJ
C
0.68
50
85
33
125
0.5
4
7
1
125
113
50
TAJA105*050#NJ
A
1
50
85
33
125
0.5
4
6.6
1
107
96
43
TAJB105*050#NJ
B
1
50
85
33
125
0.5
6
7
1
110
99
44
TAJC105*050#NJ
C
1
50
85
33
125
0.5
4
5.5
1
141
127
57
TAJB155*050#NJ
B
1.5
50
85
33
125
0.8
8
5.4
1
125
113
50
TAJC155*050#NJ
C
1.5
50
85
33
125
0.8
6
4.5
1
156
141
63
TAJD155*050#NJ
D
1.5
50
85
33
125
0.8
6
4
1
194
174
77
TAJB225*050#NJ
B
2.2
50
85
33
125
1.1
8
4.5
1
137
124
55
TAJC225*050#NJ
C
2.2
50
85
33
125
1.1
8
2.5
1
210
189
84
TAJD225*050#NJ
D
2.2
50
85
33
125
1.1
6
2.5
1
245
220
98
TAJC335*050#NJ
C
3.3
50
85
33
125
1.6
6
2.5
1
210
189
84
TAJD335*050#NJ
D
3.3
50
85
33
125
1.7
6
2
1
274
246
110
TAJC475*050#NJ
C
4.7
50
85
33
125
0.5
4
1.4
1
280
252
112
TAJD475*050#NJ
D
4.7
50
85
33
125
2.4
6
1.4
1
327
295
131
TAJC685*050#NJ
C
6.8
50
85
33
125
3.4
6
1
1
332
298
133
TAJD685*050#NJ
D
6.8
50
85
33
125
3.4
6
1
1
387
349
155
TAJD106*050#NJ
D
10
50
85
33
125
5
6
0.8
1
433
390
173
TAJE106*050#NJ
E
10
50
85
33
125
5
6
1
11)
406
366
162
TAJV106*050#NJ
V
10
50
85
33
125
5
6
0.65
11)
620
558
248
TAJD156*050#NJ
D
15
50
85
33
125
7.5
6
0.6
1
500
450
200
TAJE156*050#NJ
E
15
50
85
33
125
7.5
6
0.6
11)
524
472
210
TAJV156*050#NJ
V
15
50
85
33
125
7.5
6
0.6
11)
645
581
258
TAJV226*050#NJ
V
22
50
85
33
125
11
8
0.6
11)
645
581
258
11) – Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
For AEC-Q200 availability, please contact AVX.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is
measured at rated voltage after 5 minutes.
For typical weight and composition see page 202.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TAJE687006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJE687006NJ AVX-TAJE687006NJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE687006NJ AVX-TAJE687006NJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJE687006NJ AVX-TAJE687006NJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJE687006NJ AVX-TAJE687006NJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJE687006NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com