Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-16-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BC807-16-G
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BC807-16-G Datasheet(HTML) 1 Page - Comchip Technology

  BC807-16-G Datasheet HTML 1Page - Comchip Technology BC807-16-G Datasheet HTML 2Page - Comchip Technology BC807-16-G Datasheet HTML 3Page - Comchip Technology BC807-16-G Datasheet HTML 4Page - Comchip Technology BC807-16-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BC807-16-G/25-G/40-G (PNP)
RoHS Device
General Purpose Transistors
QW-BTR27
Page 1
REV:B
Features
- Ldeally suited for automatic insertion.
- Epitaxial planar die construction.
- Complementary NPN type available (BC817).
Diagram:
Dimensions in inches and (millimeter)
Parameter
Value
Unit
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current-continuous
Collector power dissipation
Junction temperature range
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.083(2.10)
0.066(1.70)
0.044(1.10)
0.035(0.90)
0.020(0.50)
0.013(0.35)
0.006(0.15)
0.002(0.05)
0.103(2.60)
0.086(2.20)
0.006(0.15) max
0.007(0.20) min
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Collector cut-off current
Emitter cut-off current
DC current gain
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
Transition frequency
-50
-45
-5
100
40
100
-0.1
-0.2
-0.1
600
-0.7
-1.2
V
V
V
μA
μA
μA
V
V
MHz
VCBO
VCEO
VEBO
ICBO
ICEO
IEBO
hFE(1)
VCE(sat)
VBE(sat)
fT
IC=-10μA, IE = 0
IC=-10mA, IB=0
IE=-1μA, IC=0
VCB=-45V, IE=0
VCE=-40V, IB=0
VEB=-4V, IC=0
VCE=-1V, IC=-100mA
IC=-500mA, IB=-50mA
IC=-500mA, IB=-50mA
VCE=-5V, IC=-10mA, f=100MHz
1
Base
2
Emitter
Collector
3
VCBO
VCEO
VEBO
IC
PC
TJ
-50
-45
-5
-500
300
150
V
V
V
mA
mW
°C
Maximum Ratings (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Thermal resistance form
RθJA
417
°C/W
hFE(2)
VCE=-1V, IC=-500mA
Storage temperature range
TSTG
-55 to +150
°C
junction to ambient
Range
Marking
250-600
5C
100-250
5A
Classification of hFE(1)
BC807-40-G
Rank
BC807-16-G
BC807-25-G
160-400
5B
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
Mechanical data
- Case: SOT-23 Standard package, molded
plastic.
- Mounting position: Any.
- Weight: 0.008 grams(approx.).
- Terminals: Tin plated, solderable per
MIL-STD-750, method 2026


Similar Part No. - BC807-16-G

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BC807-16-25-40-SOT23 YFWDIODE-BC807-16-25-40-SOT23 Datasheet
2Mb / 3P
   PNP Transistors
logo
Diodes Incorporated
BC807-16-7 DIODES-BC807-16-7 Datasheet
59Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 9 - 2
BC807-16-7-F DIODES-BC807-16-7-F Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Pan Jit International I...
BC807-16-AU PANJIT-BC807-16-AU Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
BC807-16-AU_R1_000A1 PANJIT-BC807-16-AU_R1_000A1 Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
More results

Similar Description - BC807-16-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com