Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJR224035NJ Datasheet(PDF) 6 Page - AVX Corporation

Part # TAJR224035NJ
Description  General purpose SMT chip tantalum series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJR224035NJ Datasheet(HTML) 6 Page - AVX Corporation

  TAJR224035NJ Datasheet HTML 1Page - AVX Corporation TAJR224035NJ Datasheet HTML 2Page - AVX Corporation TAJR224035NJ Datasheet HTML 3Page - AVX Corporation TAJR224035NJ Datasheet HTML 4Page - AVX Corporation TAJR224035NJ Datasheet HTML 5Page - AVX Corporation TAJR224035NJ Datasheet HTML 6Page - AVX Corporation TAJR224035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MAY 2014
41
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
TAJT685*020#NJ
T
6.8
20
85
13
125
1.4
6
2.6
1
175
158
70
TAJW106*020#NJ
W
10
20
85
13
125
2
6
1.9
1
218
196
87
TAJW156*020#NJ
W
15
20
85
13
125
3
6
1.7
1
230
207
92
TAJW226*020#NJ
W
22
20
85
13
125
4.4
6
1.6
1
237
213
95
TAJY226*020#NJ
Y
22
20
85
13
125
4.4
6
0.9
11)
373
335
149
TAJX336*020#NJ
X
33
20
85
13
125
6.6
6
0.5
11)
447
402
179
TAJY336*020#NJ
Y
33
20
85
13
125
6.6
6
0.6
11)
456
411
183
TAJX476*020#NJ
X
47
20
85
13
125
9.4
6
0.4
11)
500
450
200
TAJY476*020#NJ
Y
47
20
85
13
125
9.4
6
0.9
11)
373
335
149
TAJY686*020#NJ
Y
68
20
85
13
125
13.6
6
0.9
11)
373
335
149
25 Volt @ 85°C
TAJR154*025#NJ
R
0.15
25
85
17
125
0.5
4
24
1
48
43
19
TAJR224*025#NJ
R
0.15
25
85
17
125
0.5
4
21
1
51
46
20
TAJR334*025#NJ
R
0.15
25
85
17
125
0.5
4
17
1
57
51
23
TAJR474*025#NJ
R
0.47
25
85
17
125
0.5
4
15
1
61
54
24
TAJS474*025#NJ
S
0.47
25
85
17
125
0.5
4
9
1
85
76
34
TAJR684*025#NJ
R
0.68
25
85
17
125
0.5
4
13
1
65
59
26
TAJS684*025#NJ
S
0.68
25
85
17
125
0.5
4
8
1
90
81
36
TAJP105*025#NJ
P
1
25
85
17
125
0.5
4
11
1
74
66
30
TAJR105*025#NJ
R
1
25
85
17
125
0.5
4
8
1
83
75
33
TAJS105*025#NJ
S
1
25
85
17
125
0.5
4
8
1
90
81
36
TAJP155*025#NJ
P
1.5
25
85
17
125
0.5
6
9.6
1
79
71
32
TAJS155*025#NJ
S
1.5
25
85
17
125
0.5
6
5.4
1
110
99
44
TAJT155*025#NJ
T
1.5
25
85
17
125
0.5
6
5
1
126
114
51
TAJT225*025#NJ
T
2.2
25
85
17
125
0.6
6
4.5
1
133
120
53
TAJT335*025#NJ
T
3.3
25
85
17
125
0.8
6
3.5
1
151
136
60
TAJW335*025#NJ
W
3.3
25
85
17
125
0.8
6
1.6
1
237
213
95
TAJT475*025#NJ
T
4.7
25
85
17
125
1.2
6
3.1
1
161
145
64
TAJW475*025#NJ
W
4.7
25
85
17
125
1.2
6
1.2
1
274
246
110
TAJW685*025#NJ
W
6.8
25
85
17
125
1.7
6
2
1
212
191
85
TAJW106*025#NJ
W
10
25
85
17
125
2.5
6
1.8
1
224
201
89
TAJY156*025#NJ
Y
15
25
85
17
125
3.8
6
1
11)
354
318
141
TAJY226*025#NJ
Y
22
25
85
17
125
5.5
6
0.8
11)
395
356
158
TAJY336*025#NJ
Y
33
25
85
17
125
8.3
6
0.5
11)
500
450
200
TAJY476*025#NJ
Y
47
25
85
17
125
11.8
6
0.9
11)
373
335
149
35 Volt @ 85°C
TAJR104*035#NJ
R
0.1
35
85
23
125
0.5
4
29
1
44
39
17
TAJS104*035#NJ
S
0.1
35
85
23
125
0.5
4
24
1
52
47
21
TAJR154*035#NJ
R
0.15
35
85
23
125
0.5
4
24
1
48
43
19
TAJS154*035#NJ
S
0.15
35
85
23
125
0.5
4
21
1
56
50
22
TAJR224*035#NJ
R
0.22
35
85
23
125
0.5
4
21
1
51
46
20
TAJS224*035#NJ
S
0.22
35
85
23
125
0.5
4
18
1
60
54
24
TAJR334*035#NJ
R
0.33
35
85
23
125
0.5
4
17
1
57
51
23
TAJS334*035#NJ
S
0.33
35
85
23
125
0.5
4
15
1
66
59
26
TAJR474*035#NJ
R
0.47
35
85
23
125
0.5
4
15
1
61
54
24
TAJS474*035#NJ
S
0.47
35
85
23
125
0.5
4
12
1
74
66
29
TAJT474*035#NJ
T
0.47
35
85
23
125
0.5
4
10
1
89
80
36
TAJP684*035#NJ
P
0.68
35
85
23
125
0.5
4
13
1
68
61
27
TAJS684*035#NJ
S
0.68
35
85
23
125
0.5
4
8
1
90
81
36
TAJT684*035#NJ
T
0.68
35
85
23
125
0.5
4
8
1
100
90
40
TAJP105*035#NJ
P
1
35
85
23
125
0.5
4
11
1
74
66
30
TAJS105*035#NJ
S
1
35
85
23
125
0.5
4
7.5
1
93
84
37
TAJT105*035#NJ
T
1
35
85
23
125
5
4
6.5
1
111
100
44
TAJT155*035#NJ
T
1.5
35
85
23
125
0.5
6
5.2
1
124
112
50
TAJT225*035#NJ
T
2.2
35
85
23
125
0.8
6
4.2
1
138
124
55
TAJW335*035#NJ
W
3.3
35
85
23
125
1.2
6
1.6
1
237
213
95
TAJW475*035#NJ
W
4.7
35
85
23
125
1.6
6
2.2
1
202
182
81
TAJY685*035#NJ
Y
6.8
35
85
23
125
2.3
6
0.9
11)
373
335
149
TAJX106*035#NJ
X
10
35
85
23
125
3.5
6
0.7
11)
378
340
151
TAJY106*035#NJ
Y
10
35
85
23
125
3.5
6
1
11)
354
318
141
TAJY156*035#NJ
Y
15
35
85
23
125
5.3
6
0.6
11)
456
411
183
TAJY226*035#NJ
Y
22
35
85
23
125
7.7
6
0.5
11)
500
450
200
50 Volt @ 85°C
TAJS104*050#NJ
S
0.1
50
85
33
125
0.5
4
19
1
58
53
23
TAJS154*050#NJ
S
0.15
50
85
33
125
0.5
4
16
1
64
57
25
TAJP224*050#NJ
P
0.22
50
85
33
125
0.5
4
17
1
59
53
24
TAJR224*050#NJ
R
0.22
50
85
33
125
0.5
4
17
1
57
51
23
TAJS224*050#NJ
S
0.22
50
85
33
125
0.5
4
13
1
71
64
28
TAJP334*050#NJ
P
0.33
50
85
33
125
0.5
4
17
1
59
53
24
TAJR334M050#NJ
R
0.33
50
85
33
125
0.5
4
17
1
57
51
23
TAJS334*050#NJ
S
0.33
50
85
33
125
0.5
4
11
1
77
69
31


Similar Part No. - TAJR224035NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJR225004NJ AVX-TAJR225004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR225004NJ AVX-TAJR225004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226002NJ AVX-TAJR226002NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226002NJ AVX-TAJR226002NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226004NJ AVX-TAJR226004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJR224035NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com