Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT03-330-RA- Datasheet(PDF) 9 Page - Superworld Electronics

Part # CMT03-330-RA-
Description  Common mode filter (RoHS Compliant)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CMT03-330-RA- Datasheet(HTML) 9 Page - Superworld Electronics

  CMT03-330-RA- Datasheet HTML 1Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 2Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 3Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 4Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 5Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 6Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 7Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 8Page - Superworld Electronics CMT03-330-RA- Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PG. 9
Base tape
9-4. Tearing Off Force
Top cover tape
165° to 180°
F
The force for tearing off cover tape is 15 to 85 grams
in the arrow direction under the following conditions.
Tearing Speed
Room Humidity
Room Temp.
(°C)
5~35
(%)
45~85
Room atm
860~1060
(hPa)
300
(mm/min)
Application Notice
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 12 months from the time of delivery.
a) Temperature and humidity conditions: Less than 40°C and 60% RH.
2. Transportation :
1. Storage Conditions :
To maintain the solderabililty of terminal electrodes :
Common mode filter (RoHS Compliant)
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.03.2014
CMT03 SERIES


Similar Part No. - CMT03-330-RA-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT01N60 ETC1-CMT01N60 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
CMT01N60 CHAMP-CMT01N60 Datasheet
189Kb / 7P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT01N60GN251 ETC1-CMT01N60GN251 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60GN251 CHAMP-CMT01N60GN251 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - CMT03-330-RA-

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
List of Unclassifed Man...
SPC20186 ETC2-SPC20186 Datasheet
102Kb / 1P
   EMI FILTER RoHS COMPLIANT
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com