Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02009 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M02009
Description  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02009 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02009 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02009 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Functional Description
02009-DSH-001-D
Mindspeed Technologies™
6
Mindspeed Proprietary and Confidential
Figure 1-5.
Typical Performance (3 of 3)
PINK Input Current vs Average PINK Voltage
Eye Diagram @ - 20 dBm
PINK Input Current v AveragePINK Voltage @Vcc=3.3V
0.000
0.500
1.000
1.500
2.000
2.500
3.000
0.0001
0.001
0.01
0.1
1
10
PINK Input Current (mA)
85C
21C
-40C
Input Current v DOUT Average Transimpedance @ 21C
1000
10000
100000
0.1
1
10
100
1000
Input Current (uA pk-pk)
3.6V
3.3V
3.0V
Input Current vs Dout Average Transimpedance


Similar Part No. - M02009

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02009 ETC2-M02009 Datasheet
302Kb / 19P
   Low cost IC fabricated in CMOS
More results

Similar Description - M02009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
MC2007-3 MA-COM-MC2007-3 Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
02009-BRF-001-A MA-COM-02009-BRF-001-A Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
MC2009 MA-COM-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
List of Unclassifed Man...
MC2009 ETC2-MC2009 Datasheet
97Kb / 2P
   622 Mbps Pre-Amplifier
logo
M/A-COM Technology Solu...
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com