Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02050-15 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02050-15
Description  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02050-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
1
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged. Reli-
able operation at these extremes for any length of time is not implied.
NOTE:
The package bottom should be adequately grounded to ensure correct thermal performance,
and it is recommended that vias are inserted through to a lower ground plane.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage (VCC-GND)
-0.5 to +5.75
V
TSTG
Storage temperature
-65 to +150
°C
PECLP, PECLN
PECL Output pins voltage
VCC - 2 to VCC + 0.4
V
I(PECLP), I(PECLN)
PECL Output pins maximum continuous current (delivered to load)
30
mA
|DINP - DINN|
Data input pins differential voltage
0.80
V
DINP, DINN
Data input pins voltage meeting |DINP - DINN| requirement
GND to VCC3 + 0.4
V
STSET
Signal detect threshold setting pin voltage
GND to VCC3 + 0.4
V
JAM
Output enable pin voltage
GND to VCC + 0.4
V
LOS
Status Output pins voltage
GND to VCC + 0.4
V
Rate_Sel
Rate Select input pin voltage
GND to VCC + 0.4
V
IREF
Current into Reference input
+0 to -120
µA
I(RSSIAVG)
Current into RSSIavg input
+0 to -3
mA
RSSIPP
RSSIPP pin voltage
GND to VCC3 + 0.4
V
I(LOS)
Current into Loss of Signal pin
+3000 to -100
µA


Similar Part No. - M02050-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02050-15 ETC2-M02050-15 Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Similar Description - M02050-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com