Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02061-21 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M02061-21
Description  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-21 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02061-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Product Specification
02061-DSH-001-G
Mindspeed Technologies
®
8
Mindspeed Proprietary and Confidential
t_fault
Laser fault time - from fault condition
to assertion of FAIL
From occurrence of fault condition or when
Supply_OK is beyond specified range
100
μs
t_reset
DIS time to start reset
DIS pulse width required to initialize safety
circuitry or reset a latched fault
10(3)
μs
tVCC_OK
Supply_OK delay time
Delay between Supply_OK condition and when
outputs are enabled
10
20
μs
t_onBM
DIS negate (turn-on) time during
burst-mode operation
IMOD > 20mA; outputs DC coupled (5V
operation)(4)
300
500
ns
t_offBM
DIS assert (turn-off) time during
burst-mode operation
IMOD > 20mA; outputs DC coupled (5V
operation)
200
500
ns
NOTES:
1.
With CAPC < 2.2nF
2.
User-adjustable. Specifications reflect timing with no external RESET capacitor.
3.
With < 1nF capacitor from RESET pin to ground.
4.
Imod >12mA
Figure 1-1.
Relationship between Data Inputs and Modulation Outputs
Table 1-5.
Safety Logic Timing (2 of 2)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units
D
IN+
D
IN-
100 mV -
1200 mV
VIN(DIFF)
200 mV -
2400 mV
VOUT-
> 1.60V when V
CC5_OR high
> 1.15V when V
CC5_OR low
GND
VOUT+


Similar Part No. - M02061-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061-21 MA-COM-M02061-21 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Similar Description - M02061-21

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com