Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02094-11 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M02094-11
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-11 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094-11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02094-11 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Product Specification
02094-DSH-001-C
Mindspeed Technologies™
9
Mindspeed Proprietary and Confidential
Slow Rise on Vcc=5V at Power-up (DIS Low)
Transmitter Enable (DIS transition Low)
V
CC3
FAIL
DIS
LASER
OUTPUT
(low)
(low)
3.3V
t_on < 1ms,
(300 us typ.)
V
CC
5V
V
CC3
and
V
CC5
status
FAIL
DIS
LASER
OUTPUT
(low)
(low)
V
CC3 and VCC5
“OK”
t_on < 1ms,
(300 us typ.)
(high)
Fault Recovery Behaviour
Transmitter Disable (DIS transition high)
V
CC3
and
V
CC5
status
FAIL
DIS
LASER
OUTPUT
(low)
V
CC3 and VCC5
“OK”
t_off < 10 us,
(1 us typ.)
(high)
Fault
recovery at:
MOD
SET.
C
APC, OUT+,
IBOUT
CA or
IBOUT
CC
FAIL
DIS
LASER
OUTPUT
Fault
Removed
t_reset,
10 us,
min.
FAIL remains high
until reset by DIS
going high
t_on < 1ms


Similar Part No. - M02094-11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02094-12 MA-COM-M02094-12 Datasheet
681Kb / 46P
   EPON FTTH modules
More results

Similar Description - M02094-11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com