Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02094-EVM Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M02094-EVM
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-EVM Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02094-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
Mindspeed Technologies™
02094-DSH-001-C
Mindspeed Proprietary and Confidential
M02094 Data Sheet
1.2
Recommended Operating Conditions
1.3
DC Characteristics
(VCC = +3.05V to +3.55V or 4.75V to 5.5V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values for common anode are at VCC = 3.3 V, IBOUTCA = 20 mA, IMOD = 20 mA, TA = 25 °C, unless otherwise noted.
Typical values for common cathode are at VCC = 3.3 V, IBOUTCC = 5 mA, IMOD = 5 mA, TA = 25 °C, unless otherwise noted
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply (VCC-GND)
3.3 ± 7.5%
or 5.0 + 10%,-5%
V
Operating ambient
-40 to + 95
°C
Table 1-3.
DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
ICC
Supply current excluding
IMOD and IBIAS
PEAKADJ high (no peaking adjust)
Common anode operation(1)
Common cathode operation(1)
Additional current when PEAKADJ is used.
Additional current when operating from a 5V
supply(2)
-
-
28
35
2
48
55
15
mA
IBOUTCA
Bias current adjust range,
common anode mode
V(IBIASOUT) > 0.7V
1
50
mA
IBOUTCC
Bias current adjust range,
common cathode mode
V(IBIASOUT) < 2.5V
0.5
15
mA
IBOFF
Bias current with optical
output disabled
DIS = high
V(IBOUTCA) = VCC3 for common anode
operation.
V(IBOUTCC) = 0V for common cathode
operation.
150
µA
Ratio of IBIAS current to
BIASMON current
CCSEL low, common anode mode
CCSEL high, common cathode mode
45.7
13.5
A/A
VMD
Monitor diode reverse bias
voltage
1.5
V
IMD
Monitor diode current
adjustment range
Adjusted with RAPCSET
10
1500
µA
Ratio of TxPwrMON current to
monitor photodiode current
1
A/A


Similar Part No. - M02094-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02094-EVM MA-COM-M02094-EVM Datasheet
681Kb / 46P
   EPON FTTH modules
More results

Similar Description - M02094-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com