Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02097G-11 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M02097G-11
Description  3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02097G-11 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02097G-11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02097G-11 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Product Specification
02097-DSH-001-C
Mindspeed Technologies
®
6
Preliiminary Information/Mindspeed Proprietary and Confidential
1.5
Safety Logic Timing
VCC = 3.05 to 3.55V or 4.7 to 5.5V, TA = -40°C to +95°C, unless otherwise noted.
Typical values are VCC = 3.3V, IPBOUT = 4mA, IMOD = 50mA.
Table 1-7.
Safety Logic Timing
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
t_off
DIS assert time
Rising edge of DIS to fall of output signal below
10% of nominal (1)
–1
10
µs
t_on
DIS negate time
Falling edge of DIS to rise of output signal above
90% of nominal (1)
–0.4
1
ms
t_init
Time to initialize
Includes reset of FAIL; from power on after
Supply_OK or from negation of DIS during reset
of FAIL condition
–4
300
ms
t_wc
Window comparator hold-off
time
Time during which the status of the fault detect
comparators is ignored.
23
ms
t_fault
LED fault time -- from fault
condition to assertion of FAIL
From occurrence of fault condition or when
Supply_OK is beyond specified range
–16
100
µs
t_reset
DIS time to start reset
DIS pulse width required to initialize safety
circuitry or reset a latched fault
––
10
µs
tVCC_OK
Supply okay delay time
Delay between supply_OK condition and when
outputs are enabled
900
µs
NOTE:
1.
With CPB = 47 nF.
Figure 1-1.
Safety Logic Simplified Block Diagram
DIS
Fault_OK
Vcc3_OK
Vcc_OK
3.3V_ONLY
Q
Q
SET
CL R
S
R
~900
µs typical
FAIL
Output _Enable
* Fault_OK indicates that no fault is detected at any of the fault sense nodes
~3 ms typical
Activate_Config_Settings
TCSLOPE
Fault_OK
Normal
SCB
+
-
~2V
Configuration settings are not updated while TCSLOPEis
pulled high, but are updated when TCSLOPE is at normal level
Normal
SCB


Similar Part No. - M02097G-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
M02097-12 ETC2-M02097-12 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results

Similar Description - M02097G-11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com