Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21131 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21131
Description  72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21131 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21131 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21131 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Electrical Characteristics
211x1-DSH-001-I
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
Table 1-6.
PCML Input Electrical Specifications (1)
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Unit
VID
Input differential voltage (peak-to-peak) PRBS
SDI Pseudo-Pathological Pattern
1
100
350
1200
mV
VICM
Input common-mode voltage
AVDD_IO - 300
mV
VIH
Maximum input high voltage
AVDD_IO + 300
mV
VIL
Minimum input low voltage
AVDD_IO - 800
mV
S11
Input return loss (40 MHz to 2 GHz)
-10.0
dB
S11
Input return loss (2 GHz to 5 GHz)
-5.0
dB
NOTES:
1.
Input sensitivity specified @ 3.2 Gbps PRBS 223-1 and BER 10-12.
Table 1-7.
PCML Output Specifications
Symbol
Parameter
Notes
Minimum
Typical
Maximum
Unit
DROUT
Operating data rate (NRZ data)
DC
3.2
Gbps
JOUTRMS
Output data broadband jitter (RMS)
6.0
ps
JOUTP-P
Output data broadband jitter (peak-to-peak)
36.0
ps
TRISE/FALL
Rise time/fall time (20 to 80%)
2
145
ps
VOD
Low swing: differential swing
Medium swing: differential swing
High swing: differential swing
3
390
700
920
650
950
1225
700
1200
1600
mV
S22
Output return loss (40 MHz to 2.5 GHz)
Output return loss (2.5 GHz to 5 GHz)
1—
-15.0
-5.0
dB
tDJ
Output Deterministic Jitter (ISI)
125
mUI
tRJ
Output Random Jitter
2
mUI
RMS
NOTES:
1.
RF parameters measured into a 50
Ω load on M21131/M21151 EVM.
2.
Rise/Fall time specification is for lowest output swing settings. Rise/Fall time improves with higher output swing settings.
3.
Package and recommended heat sink are not rated for this mode at
A
VDD_IO = +2.5 V due to high power dissipation; improved thermal man-
agement at the board level would be necessary to use this mode at
A
VDD_IO = +2.5 V.


Similar Part No. - M21131

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21131-12(1) MA-COM-M21131-12(1) Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
M21131-22 MA-COM-M21131-22 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
M21131G-12(1) MA-COM-M21131G-12(1) Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
M21131G-13(1,2) MA-COM-M21131G-13(1,2) Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
M21131G-22 MA-COM-M21131G-22 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
More results

Similar Description - M21131

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
   3.6Gb/s 144x144 Asynchronous Crosspoint Switch
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
   6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
   11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
   6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com