Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2594 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2594
Description  27-31GHz 5W GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2594 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2594 Datasheet HTML 4Page - TriQuint Semiconductor TGA2594 Datasheet HTML 5Page - TriQuint Semiconductor TGA2594 Datasheet HTML 6Page - TriQuint Semiconductor TGA2594 Datasheet HTML 7Page - TriQuint Semiconductor TGA2594 Datasheet HTML 8Page - TriQuint Semiconductor TGA2594 Datasheet HTML 9Page - TriQuint Semiconductor TGA2594 Datasheet HTML 10Page - TriQuint Semiconductor TGA2594 Datasheet HTML 11Page - TriQuint Semiconductor TGA2594 Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TGA2594
27-31GHz 5W GaN Power Amplifier
Preliminary Datasheet: Rev A 01-08-14
- 10 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Mechanical Drawing & Bond Pad Description
Unit: millimeters
Thickness: 0.10
Die x, y size tolerance: +/- 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Bond Pad
Symbol
Pad Size
Description
1
RF In
0.125 x 0.200
Input; matched to 50 ohms; DC blocked.
2, 12
VG1
0.125 x 0.125
Gate voltage, VG1 top and bottom. Bias network is required;
see Application Circuit on page 8 as an example.
3, 11
VG2
0.125 x 0.125
Gate voltage, VG2 top and bottom. Bias network is required;
see Application Circuit on page 8 as an example.
4, 10
VG3
0.125 x 0.125
Gate voltage, VG3 top and bottom. Bias network is required;
see Application Circuit on page 8 as an example.
5, 9
VD12
0.125 x 0.125
Drain voltage, VD12 top and bottom. Bias network is required;
see Application Circuit on page 8 as an example.
6, 8
VD3
0.200 x 0.125
Drain voltage, VD3 top and bottom. Bias network is required;
see Application Circuit on page 8 as an example.
7
RF Out
0.125 x 0.200
Output; matched to 50 ohms; DC blocked.


Similar Part No. - TGA2594

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2594-HMEVBP01 QORVO-TGA2594-HMEVBP01 Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
More results

Similar Description - TGA2594

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
IXYS Corporation
MMA-283136-R5 IXYS-MMA-283136-R5 Datasheet
2Mb / 13P
   28-31GHz 4W MMIC Power Amplifier
logo
Qorvo, Inc
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
logo
Qorvo, Inc
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
logo
ON Semiconductor
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com