Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24085 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24085
Description  Single-Chip Li-Ion and Li-Pol Charge Management IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24085 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24085_15 Datasheet HTML 4Page - Texas Instruments BQ24085_15 Datasheet HTML 5Page - Texas Instruments BQ24085_15 Datasheet HTML 6Page - Texas Instruments BQ24085_15 Datasheet HTML 7Page - Texas Instruments BQ24085_15 Datasheet HTML 8Page - Texas Instruments BQ24085_15 Datasheet HTML 9Page - Texas Instruments BQ24085_15 Datasheet HTML 10Page - Texas Instruments BQ24085_15 Datasheet HTML 11Page - Texas Instruments BQ24085_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
bq24085, bq24086, bq24087, bq24088
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
www.ti.com
7.6 Timing Requirements
over recommended operating range, TJ = 0 –125°C range, See the Application and Implementation section, typical values at
TJ = 25°C (unless otherwise noted), RTMR = 49.9 KΩ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DOWN THRESHOLD – UNDERVOLTAGE LOCKOUT
V(IN) = 0 V → 5 V in 1 μs to
tDGL(PG)
Deglitch time on power good
2
ms
PG:HI
→ LO
INPUT POWER DETECTION(1)
Delay time, input power not detected
tDGL(NOIN)
PG: LO
→HI after tDGL(NOIN)
10
μs
status(2)
Charger turned off after tDLY(CHGOFF), Measured
tDLY(CHGOFF)
Charger off delay
25
ms
from PG: LO
→ HI; Timer reset after tDLY(CHGOFF)
INPUT OVERVOLTAGE PROTECTION
CE = HI or LO, Measured from V(IN) > V(OVP) to
tDGL(OVDET)
Input overvoltage detection delay
100
μs
PG: LO
→ HI; VIN increasing
CE = HI or LO, Measured from V(IN) < V(OVP)
tDGL(OVNDET)
Input overvoltage not detected delay(2)
100
μs
to PG: HI
→ LO; V(IN) decreasing
VOLTAGE AND CURRENT REGULATION TIMING(3)
Input power detection to full charge
Measured from PG:HI
→ LO to I(OUT) > 100 mA,
tPWRUP(CHG)
25
ms
current time delay
CE = LO, IO(OUT) = 750 mA, V(BAT) = 3.5 V
Measured from CE:HI
→ LO to I(OUT) >100 mA,
Charge enable to full charge current
tPWRUP(EN)
IO(OUT) = 750 mA, V(BAT)= 3.5 V, V(IN) = 4.5 V,
25
ms
delay
Input power detected
Measured from PG:HI
→ LO to V(OUT) > 90% of
Input power detection to voltage
charge voltage regulation;
tPWRUP(LDO)
regulation delay, LDO mode set, no
25
ms
V(TMR) = OPEN, LDO mode set, no battery and
battery or load connected
no load at OUT pin, CE = LO
CHARGE TERMINATION DETECTION(4)
tDGL(TERM)
Deglitch time, termination detected
V(ISET) decreasing
50
ms
BATTERY RECHARGE THRESHOLD
tDGL(RCH)
Deglitch time, recharge detection
V(BAT) decreasing
350
ms
TIMERS(5)
t(CHG)
Charge safety timer range
t(CHG) = K(CHG) × RTMR ; thermal loop not active
3
10
hours
K(CHG)
Charge safety timer constant
V(BAT) > V(LOWV)
0.08
0.1
0.12
hr/k
t(PCHG) = K(PCHG) × t(CHG) ; Thermal regulation
t(PCHG)
Pre-charge safety timer range
1080
3600
s
loop not active
K(PCHG)
Pre-charge safety timer constant
V(BAT) < V(LOWV)
0.08
0.1
0.12
BATTERY DETECTION THRESHOLDS
2 V < V(BAT) < VO(REG), Thermal regulation loop
t(DETECT)
Battery detection time
125
ms
not active; RTMR = 50 kΩ, IDET(down) or IDET (UP)
(1)
CE = HI or LOW, V(IN) > 3.5 V
(2)
Specified by design, not production tested.
(3)
V(IN) > V(OUT) + V(DO-MAX), charger enabled, no fault conditions detected, RTMR = 50 K or V(TMR) = OPEN; thermal regulation loop not
active.
(4)
VO(REG) = 4.2 V, charger enabled, no fault conditions detected, thermal regulation loop not active, RTMR = 50 K or TMR pin open.
(5)
CE = LO, charger enabled, no fault conditions detected, V(TMR) < 3 V, timers enabled.
7.7 Dissipation Ratings
(1)
PACKAGE
θJC (°C/W)
θJA (°C/W)
10-pin DRC
3.21
46.87
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2×3 via matrix.
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: bq24085 bq24086 bq24087 bq24088


Similar Part No. - BQ24085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com