Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24087DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24087DRCR
Description  Single-Chip Li-Ion and Li-Pol Charge Management IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24087DRCR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24087DRCR Datasheet HTML 1Page - Texas Instruments BQ24087DRCR Datasheet HTML 2Page - Texas Instruments BQ24087DRCR Datasheet HTML 3Page - Texas Instruments BQ24087DRCR Datasheet HTML 4Page - Texas Instruments BQ24087DRCR Datasheet HTML 5Page - Texas Instruments BQ24087DRCR Datasheet HTML 6Page - Texas Instruments BQ24087DRCR Datasheet HTML 7Page - Texas Instruments BQ24087DRCR Datasheet HTML 8Page - Texas Instruments BQ24087DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1
IN
2
TMR
3
STAT 1
4
STAT 2
5
VSS
10
9
8
7
6
OUT
BAT
TE
CE
ISET
1
IN
2
TMR
3
STAT 1
4
STAT 2
5
VSS
10
9
8
7
6
OUT
BAT
CE
PG
ISET
1
IN
2
TMR
3
STAT 1
4
STAT 2
5
VSS
10
9
8
7
6
OUT
BAT
TS
PG
ISET
bq24085, bq24086, bq24087, bq24088
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
www.ti.com
6 Pin Configuration and Functions
bq24086 and bq24088 DRC Package
bq24085 DRC Package
10-Pin VSON
10-Pin VSON
Top View
Top View
bq24087 DRC Package
10-Pin VSON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
bq24086/8
bq24085
bq24087
Battery voltage sense input. Connect to the battery positive terminal. Connect
BAT
9
9
9
I
a 390-
Ω resistor from BAT to OUT for I(OUT) < 200 mA.
CE
8
7
I
Charge enable input. CE = LO enables charger. CE = HI disables charger.
Charge input voltage and internal supply. Connect a 1-
μF (minimum)
IN
1
1
1
I
capacitor from IN to VSS. CIN ≥ COUT
Charge current set point, resistor connected from ISET to VSS sets charge
ISET
6
6
6
O
current value. Connect a 0.1-
μF capacitor from BAT to ISET for I(OUT) < 200
mA.
Charge current output. Connect to the battery positive terminal. Connect a 1-
OUT
10
10
10
O
μF (minimum) capacitor from OUT to VSS.
PG
7
7
O
Power good status output (open-collector), active low.
STAT1
3
3
3
O
Charge status output 1 (open-collector, see Table 3).
STAT2
4
4
4
O
Charge status output 2 (open-collector, see Table 3).
Termination enable input. TE = LO enables termination detection and battery
TE
8
I
absent detection. TE = HI disables termination detection and battery absent
detection.
Safety timer program input, timer disabled if floating. Connect a resistor to
TMR
2
2
2
I
VSS pin to program safety timer timeout value.
Temperature sense input, connect to battery pack thermistor. Connect an
TS
8
I
external resistive divider to program temperature thresholds.
VSS
5
5
5
I
Ground
There is an internal electrical connection between the exposed thermal pad
Exposed
and Vss pin of the IC. The exposed thermal pad must be connected to the
Thermal
Pad
Pad
Pad
same potential as the VSS pin on the printed circuit board. Do not use the
Pad
thermal pad as the primary ground input for the IC. VSS pin must be
connected to ground at all times.
4
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: bq24085 bq24086 bq24087 bq24088


Similar Part No. - BQ24087DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24087DRCR TI-BQ24087DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24087DRCR TI1-BQ24087DRCR Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24087DRCRG4 TI-BQ24087DRCRG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
More results

Similar Description - BQ24087DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com