Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24088DRCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24088DRCT
Description  Single-Chip Li-Ion and Li-Pol Charge Management IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24088DRCT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24088DRCT Datasheet HTML 1Page - Texas Instruments BQ24088DRCT Datasheet HTML 2Page - Texas Instruments BQ24088DRCT Datasheet HTML 3Page - Texas Instruments BQ24088DRCT Datasheet HTML 4Page - Texas Instruments BQ24088DRCT Datasheet HTML 5Page - Texas Instruments BQ24088DRCT Datasheet HTML 6Page - Texas Instruments BQ24088DRCT Datasheet HTML 7Page - Texas Instruments BQ24088DRCT Datasheet HTML 8Page - Texas Instruments BQ24088DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
IN
STAT 1
CE
OUT
Li-IonorLi-Pol
BatteryPack
+
Pack-
Pack+
STAT 2
Vss
ISET
PG
RED
GREEN
RSET
TMR
RTMR
1
2
3
4
5
6
7
8
9
10
BAT
ChargeEnable
andPowerGood
InputPower
R2
1.5kW
R1
1.5kW
bq24085
1 F
m
C2
49.9kW
1.13kW
C3
4.7 F
m
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24085, bq24086, bq24087, bq24088
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
bq2408x 750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC
With Thermal Regulation
1 Features
3 Description
The bq2408x series are highly integrated Li-Ion and
1
Ideal for Low-Dropout Designs for Single-Cell Li-
Li-Pol linear chargers, targeted at space-limited
Ion or Li-Pol Packs in Space Limited Applications
portable applications. The bq2408x series offers a
Integrated Power FET and Current Sensor for up
variety of protection features and functional options,
to 750-mA Charge Applications
while still implementing a complete charging system
in a small package. The battery is charged in three
Reverse Leakage Protection Prevents Battery
phases: conditioning, constant or thermally regulated
Drainage
current, and constant voltage. Charge is terminated
±0.5% Voltage Regulation Accuracy
based
on
minimum
current.
An
internal
Thermal Regulation Maximizes Charge Rate
programmable
charge
timer
provides
a
backup
Charge Termination by Minimum Current and
protection feature for charge termination and is
dynamically adjusted during the thermal regulation
Time
phase. The bq2408x automatically restarts the charge
Precharge Conditioning With Safety Timer
if the battery voltage falls below an internal threshold;
Status Outputs for LED or System Interface
sleep mode is set when the external input supply is
Indicate Charge, Fault, and Power Good Outputs
removed. Multiple versions of this device family
enable easy design of the bq2408x in cradle chargers
Short-Circuit and Thermal Protection
or in the end equipment, while using low cost or high-
Automatic Sleep Mode for Low Power
end AC adapters.
Consumption
Small 3×3 mm MLP Package
Device Information(1)
Selectable Battery Insertion and Battery Absent
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Detection
bq2408x
VSON (10)
3.00 mm × 3.00 mm
Input Overvoltage Protection
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
6.5 V and 10.5 V Options
2 Applications
PDA, MP3 Players, Digital Cameras
Internet Appliances and Handheld Devices
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24088DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24088DRCT TI-BQ24088DRCT Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24088DRCT TI1-BQ24088DRCT Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24088DRCTG4 TI-BQ24088DRCTG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
More results

Similar Description - BQ24088DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com