Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73201DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVR
Description  250-mA Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS73201DBVR Datasheet HTML 6Page - Texas Instruments TPS73201DBVR Datasheet HTML 7Page - Texas Instruments TPS73201DBVR Datasheet HTML 8Page - Texas Instruments TPS73201DBVR Datasheet HTML 9Page - Texas Instruments TPS73201DBVR Datasheet HTML 10Page - Texas Instruments TPS73201DBVR Datasheet HTML 11Page - Texas Instruments TPS73201DBVR Datasheet HTML 12Page - Texas Instruments TPS73201DBVR Datasheet HTML 13Page - Texas Instruments TPS73201DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
6
5
4
3
2
1
0
- 1
- 2
50 ms/div
V
IN
V
OUT
100 ms/div
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10 mF
2 V
0 V
R
L = 1 k W
C
OUT
= 0 mF
R
L
= 20 W
C
OUT
= 1 F
m
V
OUT
V
EN
100 ms/div
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10
F
m
2 V
0 V
R
L
= 1 kW
C
OUT
= 0 mF
R
L
= 20 W
C
OUT
= 1mF
V
OUT
V
EN
10 ms/div
50 mV/tick
50 mV/tick
50 mV/tick
50 mA/tick
V
IN
= 3.8 V
C
OUT
= 0 mF
C
OUT
= 1 mF
C
OUT
= 10 mF
10 mA
250 mA
V
OUT
V
OUT
V
OUT
I
OUT
10 ms/div
50 mV/div
50 mV/div
1 V/div
V
OUT
V
OUT
V
IN
I
OUT
= 250 mA
5.5 V
4.5 V
dV
IN
dt
= 0.5 V/ms
C
OUT
= 0 mF
C
OUT
= 100 mF
TPS732
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 19. TPS73233 Load Transient Response
Figure 20. TPS73233 Line Transient Response
Figure 21. TPS73233 Turnon Response
Figure 22. TPS73233 Turnoff Response
.
Figure 24. IENABLE vs Temperature
Figure 23. TPS73233 Power Up and Power Down
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS732


Similar Part No. - TPS73201DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73201DBVR TI-TPS73201DBVR Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVR TI-TPS73201DBVR Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVR TI-TPS73201DBVR Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVRG4 TI-TPS73201DBVRG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DBVRG4 TI-TPS73201DBVRG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73201DBVR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com