Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53315 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS53315
Description  Step-Down Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53315 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53315_15 Datasheet HTML 1Page - Texas Instruments TPS53315_15 Datasheet HTML 2Page - Texas Instruments TPS53315_15 Datasheet HTML 3Page - Texas Instruments TPS53315_15 Datasheet HTML 4Page - Texas Instruments TPS53315_15 Datasheet HTML 5Page - Texas Instruments TPS53315_15 Datasheet HTML 6Page - Texas Instruments TPS53315_15 Datasheet HTML 7Page - Texas Instruments TPS53315_15 Datasheet HTML 8Page - Texas Instruments TPS53315_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS53315
SLUSAE6A – DECEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
29
31
N/C
No connection
33
34
Open drain power good flag provides a 1-ms start up delay after the VFB pin voltage falls within specified
PGOOD
32
O
limits. When the VFB pin voltage goes outside the specified limits, the PGOOD pin goes low within 10 µs.
2
5
6
PGND
7
G
Power GND
8
9
10
Switching frequency selection. Connect a resistance to GND or VREG to select switching frequency using
RF
38
I
Table 1. The switching frequency is detected and stored during the startup.
OCL detection threshold setting pin, 10 µA at room temperature, 4700 ppm/°C current is sourced and set
the OCL trip voltage as follows:
TRIP
35
I
space VOCL = VTRIP/8
(VTRIP ≤1.2 V, VOCL ≤ 150 mV)
Supply input for high-side FET gate driver (boost terminal); connect capacitor from this pin to LL-node.
VBST
30
P
Internally connected to the VREG pin via bootstrap MOSFET switch.
VDD
40
P
Controller power supply input
VFB
37
I
Output feedback input; connect this pin to VOUT through a resistor divider.
11
12
VIN
13
P
Conversion power input
14
15
VREG
3
P
5-V LDO output
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS53315


Similar Part No. - TPS53315_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53315RGFR TI1-TPS53315RGFR Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53315_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1910 MICROSEMI-LX1910 Datasheet
239Kb / 8P
   Step-Down Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com