Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73115DBVRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73115DBVRG4
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73115DBVRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73115DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 9Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 10Page - Texas Instruments TPS73115DBVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
500
450
400
350
300
250
200
150
1.5
2.5
3.0
3.5
4.0
4.5
5.0
2.0
5.5
V
IN (V)
500
450
400
350
300
250
200
150
-50
- 25
0
25
50
75
100
125
Temperature (°C)
I
CL
400
350
300
250
200
150
100
50
0
I
SC
-0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
OutputVoltage(V)
0.5
TPS73133
1
0.1
0.01
-
50
-
25
0
25
50
75
100
125
Temperature (°C)
V
ENABLE = 0.5 V
V
IN = VO + 0.5 V
700
600
500
400
300
200
100
0
0
30
60
90
120
150
IOUT (mA)
V
IN = 5.5 V
V
IN = 4 V
V
IN = 2 V
700
600
500
400
300
200
100
0
-
50
-
25
0
25
50
75
100
125
Temperature (°C)
I
OUT = 150 mA
V
IN = 5.5 V
V
IN = 4 V
V
IN = 2 V
TPS731
www.ti.com
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
Typical Characteristics (continued)
For all voltage versions at TJ= 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 7. Ground Pin Current vs Output Current
Figure 8. Ground Pin Current vs Temperature
Figure 9. Ground Pin Current in Shutdown vs Temperature
Figure 10. Current Limit vs VOUT (Foldback)
Figure 12. Current Limit vs Temperature
Figure 11. Current Limit vs VIN
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS731


Similar Part No. - TPS73115DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73115DBVRG4 TI-TPS73115DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73115DBVRG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com