Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62590
Description  1-A Step Down Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62590_15 Datasheet HTML 1Page - Texas Instruments TPS62590_15 Datasheet HTML 2Page - Texas Instruments TPS62590_15 Datasheet HTML 3Page - Texas Instruments TPS62590_15 Datasheet HTML 4Page - Texas Instruments TPS62590_15 Datasheet HTML 5Page - Texas Instruments TPS62590_15 Datasheet HTML 6Page - Texas Instruments TPS62590_15 Datasheet HTML 7Page - Texas Instruments TPS62590_15 Datasheet HTML 8Page - Texas Instruments TPS62590_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
0.0001
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
I -OutputCurrent- A
O
V =3.8V
I
V =5V
I
V =4.2V
I
V
=3.3V,
MODE=GND,
L =2.2 H
OUT
m
VIN
GND
EN
FB
SW
TPS62590DRV
VOUT
MODE
L
2.2 H
m
C
OUT
10mF
C1
22pF
R1
R2
C
IN
10mF
PwrPAD
0.75 V to V
IN
V
I N
2.5 V to 5.5 V
5
4
2
1
3
6
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS62590
SLVS897C – JANUARY 2009 – REVISED DECEMBER 2015
TPS62590 1-A Step Down Converter in 2-mm × 2-mm WSON Package
1 Features
3 Description
The
TPS62590
device
is
a
high-efficiency
1
Output Current up to 1000 mA
synchronous step down converter, optimized for
Input Voltage Range from 2.5 V to 5.5 V
battery powered portable applications. The device
Output Voltage Accuracy in PWM Mode ±2.5%
provides up to 1000-mA output current from batteries,
such as single Li-Ion or other common chemistry AA
Typical 15-
μA Quiescent Current
and AAA cells.
100% Duty Cycle for Lowest Dropout
With an input voltage range of 2.5 V to 5.5 V, the
Available in a 2 mm × 2 mm × 0.8 mm WSON
device is targeted to power a large variety of portable
Package
handheld equipment or POL applications.
For Improved Features Set, See the TPS62290
The TPS62590 family operates at 2.25-MHz fixed
device (SLVS764)
switching frequency and enters a power save mode
operation at light load currents to maintain a high
2 Applications
efficiency over the entire load current range.
Mobile Phones, Smart Phones
The power save mode is optimized for low output
Tablet PCs
voltage ripple. For low noise applications, the device
WLAN
can be forced into fixed frequency pulse width
modulation (PWM) mode by pulling the MODE pin
Low Power DSP Supply
high. In the shutdown mode the current consumption
Point-of-Load (POL) Applications
is reduced to less than 1 µA. The TPS62590 allows
the use of small inductors and capacitors to achieve a
small solution size.
The TPS62590 is available in a 2-mm × 2-mm 6-pin
WSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62590
WSON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62590_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS62590_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16010 TI1-LMR16010 Datasheet
161Kb / 9P
[Old version datasheet]   1 A Step-Down Converter
TPS5410 TI1-TPS5410_17 Datasheet
1Mb / 30P
[Old version datasheet]   1-A, Wide Input Range, Step-Down Converter
logo
Exar Corporation
XRPWRKIT-LWP-1 EXAR-XRPWRKIT-LWP-1 Datasheet
317Kb / 7P
   1 A/ 1 A Dual Channel 1 .5MHz Sync . Step Down Converter
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5410-Q1 TI-TPS5410-Q1_15 Datasheet
858Kb / 26P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-Q1 TI1-TPS5410-Q1 Datasheet
910Kb / 25P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS5410 1-A, Wide Input Range, Step-Down Converter
TPS5410-EP TI-TPS5410-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com