Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73118DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73118DBVR
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73118DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73118DBVR Datasheet HTML 2Page - Texas Instruments TPS73118DBVR Datasheet HTML 3Page - Texas Instruments TPS73118DBVR Datasheet HTML 4Page - Texas Instruments TPS73118DBVR Datasheet HTML 5Page - Texas Instruments TPS73118DBVR Datasheet HTML 6Page - Texas Instruments TPS73118DBVR Datasheet HTML 7Page - Texas Instruments TPS73118DBVR Datasheet HTML 8Page - Texas Instruments TPS73118DBVR Datasheet HTML 9Page - Texas Instruments TPS73118DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10 mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/°C)
I
OUT = 10 mA
All Voltage Versions
50
40
30
20
10
0
0
30
60
90
120
150
IOUT (mA)
+125 °C
TPS73125DBV
+25 °C
-40 °C
50
40
30
20
10
0
-50
- 25
0
25
50
75
100
125
Temperature (°C)
TPS73125DBV
I
OUT = 150 mA
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN - VOUT (V)
+125 °C
+25 °C
- 40 °C
Referred to V
IN = VOUT + 0.5 V at IOUT = 10 mA
0.5
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
0
15
30
45
60
75
90
105
120
135 150
IOUT (mA)
Referred to IOUT = 10 mA
TPS731
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
6.6 Typical Characteristics
For all voltage versions at TJ= 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 1. Load Regulation
Figure 2. Line Regulation
Figure 3. Dropout Voltage vs Output Current
Figure 4. Dropout Voltage vs Temperature
Figure 5. Output Voltage Accuracy Histogram
Figure 6. Output Voltage Drift Histogram
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS731


Similar Part No. - TPS73118DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73118DBVR TI-TPS73118DBVR Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73118DBVR TI-TPS73118DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73118DBVRG4 TI-TPS73118DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73118DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com