Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73118DBVTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73118DBVTG4
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73118DBVTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73118DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS73118DBVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
60
50
40
30
20
10
0
C
OUT (mF)
0.1
1
10
V
OUT = 5.0 V
V
OUT = 3.3 V
V
OUT = 1.5 V
C
NR = 0.01 mF
10 Hz < Frequency < 100 kHz
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0 V
V
OUT = 3.3 V
V
OUT = 1.5 V
C
OUT = 0 mF
10 Hz < Frequency < 100 kHz
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
COUT = 1mF
COUT = 0mF
COUT = 10mF
I
OUT = 150 mA
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
IOUT = 150 mA
C
OUT = 1mF
COUT = 0mF
C
OUT = 10mF
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency(Hz)
I
=1mA
OUT
C
=1 F
m
OUT
I
=Any
OUT
C
=0 F
m
OUT
V
=V
+1V
IN
OUT
I
=1mA
OUT
C
=Any
OUT
I
=1mA
OUT
C
=10 F
m
OUT
I
=100mA
OUT
C
=Any
OUT
I
=100mA
OUT
C
=10 F
m
OUT
I =100mA
O
C =1 F
m
O
40
35
30
25
20
15
10
5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V
V
-
(V)
IN
OUT
Frequency=10kHz
C
=10 F
V
=2.5V
I
=100mA
m
OUT
OUT
OUT
TPS731
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
For all voltage versions at TJ= 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 14. PSRR (Ripple Rejection) vs VIN – VOUT
Figure 13. PSRR (Ripple Rejection) vs Frequency
Figure 15. Noise Spectral Density CNR = 0 μF
Figure 16. Noise Spectral Density CNR = 0.01 μF
Figure 17. RMS Noise Voltage vs COUT
Figure 18. RMS Noise Voltage vs CNR
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TPS731


Similar Part No. - TPS73118DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73118DBVTG4 TI-TPS73118DBVTG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73118DBVTG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com