Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73131DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73131DBVR
Description  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73131DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS73131DBVR Datasheet HTML 5Page - Texas Instruments TPS73131DBVR Datasheet HTML 6Page - Texas Instruments TPS73131DBVR Datasheet HTML 7Page - Texas Instruments TPS73131DBVR Datasheet HTML 8Page - Texas Instruments TPS73131DBVR Datasheet HTML 9Page - Texas Instruments TPS73131DBVR Datasheet HTML 10Page - Texas Instruments TPS73131DBVR Datasheet HTML 11Page - Texas Instruments TPS73131DBVR Datasheet HTML 12Page - Texas Instruments TPS73131DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
10
1
0.1
0.01
-50
- 25
0
25
50
75
100
125
Temperature (°C)
6
5
4
3
2
1
0
-1
-2
50 ms/div
V
IN
V
OUT
100 s/div
m
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10
F
m
2 V
0 V
R
L
= 1 kW
C
OUT = 0 mF
R
L
= 20 W
C
O UT
= 1 mF
V
OUT
V
EN
100 s/div
m
1 V/div
1 V/div
R
L
= 20 W
C
OUT
= 10 mF
2 V
0 V
R
L
= 1 kW
C
OUT
= 0
F
m
R
L
= 20 W
C
OUT
= 1 mF
V
OUT
V
EN
10 ms/div
40 mV/tick
40 mV/tick
40 mV/tick
25 mA/tick
V
IN
= 3.8 V
C
OUT
= 0 mF
C
OUT
= 1mF
C
OUT
= 10 mF
10 mA
150 mA
V
OUT
V
OUT
V
OUT
I
OUT
10 ms/div
50 mV/div
50 mV/div
1 V/div
V
OUT
V
OUT
V
IN
I
OUT
= 150 mA
5.5 V
4.5 V
dV
IN
dt
= 0.5 V/ms
C
OUT
= 0 mF
C
OUT
= 100 mF
TPS731
www.ti.com
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
Typical Characteristics (continued)
For all voltage versions at TJ= 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 19. TPS73133 Load Transient Response
Figure 20. TPS73133 Line Transient Response
Figure 21. TPS73133 Turnon Response
Figure 22. TPS73133 Turnoff Response
Figure 23. TPS73133 Power Up and Power Down
Figure 24. IENABLE vs Temperature
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS731


Similar Part No. - TPS73131DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73131DBVR TI-TPS73131DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73131DBVRG4 TI-TPS73131DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73131DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com