Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73218DBVTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS73218DBVTG4
Description  250-mA Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73218DBVTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73218DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS73218DBVTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
30
25
20
15
10
5
0
V
OUT Error (%)
I
OUT = 10 mA
18
16
14
12
10
8
6
4
2
0
Worst Case dV
OUT/dT (ppm/ °C)
I
OUT = 10 mA
All Voltage Versions
100
80
60
40
20
0
0
50
100
150
200
250
IOUT (mA)
+125 °C
+25 °C
-40 °C
TPS73225DBV
100
80
60
40
20
0
-50
- 25
0
25
50
75
100
125
Temperature (°C)
TPS73225DBV
I
OUT = 250 mA
0.5
0.4
0.3
0.2
0.1
0
- 0.1
- 0.2
- 0.3
- 0.4
- 0.5
0
50
100
150
200
250
IOUT (mA)
Referred to IOUT = 10 mA
- 40 °C
+125
+25 °C
°C
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
IN - VOUT (V)
+125 °C
+25 °C
- 40 °C
Referred to V
IN = VOUT + 0.5 V at IOUT = 10 mA
TPS732
www.ti.com
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
6.7 Typical Characteristics
For all voltage versions at TJ = 25°C, VIN = VOUT(nom) + 0.5 V, IOUT = 10 mA, VEN = 1.7 V, and COUT = 0.1 μF, unless otherwise
noted.
Figure 1. Load Regulation
Figure 2. Line Regulation
Figure 4. Dropout Voltage vs Temperature
Figure 3. Dropout Voltage vs Output Current
Figure 5. Output Voltage Accuracy Histogram
Figure 6. Output Voltage Drift Histogram
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS732


Similar Part No. - TPS73218DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73218DBVTG4 TI-TPS73218DBVTG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218DBVTG4 TI-TPS73218DBVTG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73218DBVTG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com