Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3825-33-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3825-33-Q1
Description  Voltage Monitor With Watchdog Timer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3825-33-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3825-33-Q1 Datasheet HTML 5Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 6Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 7Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 8Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 9Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 10Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 11Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 12Page - Texas Instruments TPS3825-33-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
_
+
RESET
(1)
RESET
MR
(2)
WDI
(3)
Auto-Reset
Oscillator
Transition
Detector
Watchdog
Timer Logic
RESET
Logic
V
REF
V
DD
52 kW
40 kW
TPS3820-33-Q1, TPS3820-50-Q1, TPS3823-25-Q1
TPS3823-30-Q1, TPS3823-33-Q1, TPS3823-50-Q1, TPS3824-30-Q1, TPS3824-33-Q1
TPS3824-50-Q1, TPS3825-33-Q1, TPS3825-50-Q1, TPS3828-33-Q1, TPS3828-50-Q1
www.ti.com
SGLS143C – DECEMBER 2002 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The TPS382x-xx-Q1 family of supervisors provide circuit initialization and timing supervision. Optional
configurations include devices with active-high and active-low output signals (TPS3824/5-xx-Q1), devices with a
watchdog timer (TPS3820/3/4/8-xx-Q1), and devices with manual reset (MR) pins (TPS3820/3/5/8-xx-Q1).
RESET asserts when the supply voltage, VDD, rises above 1.1 V. For devices with active-low output logic, the
device monitors VDD and keeps RESET low as long as VDD remains below the negative threshold voltage, VIT−.
For devices with active-high output logic, RESET remains high as long as VDD remains below VIT−. An internal
timer delays the return of the output to the inactive state (high) to ensure proper system reset. The delay time, td,
starts after VDD rises above the positive threshold voltage (VIT− + VHYS). When the supply voltage drops below
VIT−, the output becomes active (low) again. All the devices of this family have a fixed-sense threshold voltage,
VIT–, set by an internal voltage divider, so no external components are required.
The TPS382x-xx-Q1 family is designed to monitor supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The devices are
available in a 5-pin SOT-23 package and are characterized for operation over a temperature range of
−40°C to
125°C, and are qualified in accordance with AEC-Q100 stress test qualification for integrated circuits.
8.2 Functional Block Diagram
(1)
TPS3824/5-xx-Q1
(2)
TPS3820/3/5/8-xx-Q1
(3)
TPS3820/3/4/8-xx-Q1
8.3 Feature Description
8.3.1 Manual Reset (MR)
The MR input allows an external logic signal from processors, logic circuits, and/or discrete sensors to force a
reset signal regardless of VDD with respect to VIT– or the state of the watchdog timer. A low level at MR causes
the reset signals to become active.
8.3.2 Active High or Active Low Output
All TPS382x-xx-Q1 devices have an active-low logic output (RESET), while the TPS3824/5-xx-Q1 devices also
include an active-high logic output (RESET).
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS3820-33-Q1 TPS3820-50-Q1 TPS3823-25-Q1 TPS3823-30-Q1 TPS3823-33-Q1 TPS3823-
50-Q1 TPS3824-30-Q1 TPS3824-33-Q1 TPS3824-50-Q1 TPS3825-33-Q1 TPS3825-50-Q1 TPS3828-33-Q1
TPS3828-50-Q1


Similar Part No. - TPS3825-33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3825-33-Q1 TI1-TPS3825-33-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3825-33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820 TI1-TPS3820_16 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820 TI1-TPS3820 Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
TPS3820-33-Q1 TI1-TPS3820-33-Q1_18 Datasheet
1Mb / 27P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com